Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 4Page - STMicroelectronics L7987L Datasheet HTML 5Page - STMicroelectronics L7987L Datasheet HTML 6Page - STMicroelectronics L7987L Datasheet HTML 7Page - STMicroelectronics L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics L7987L Datasheet HTML 10Page - STMicroelectronics L7987L Datasheet HTML 11Page - STMicroelectronics L7987L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Electrical characteristics
L7987L
8/41
DocID026362 Rev 3
3
Electrical characteristics
All the population tested at TJ = 25 °C, VIN = VCC = 24 V and VEN = 3 V unless otherwise
specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VIN
Operating input voltage
range
(1)
4.5
61
V
RDSON HS High-side RDSON
ISW = 0.5 A
0.30
0.48
ISW = 0.5 A
(1)
0.30
0.57
fSW
Switching frequency
FSW floating
233
250
267
kHz
FSW floating
(1)
225
250
275
kHz
Selected switching
frequency
RFSW = 10 k
1350 1500 1650 kHz
IPK
Peak current limit
RILIM = 27 k; VFB = 0.6 V
(2)
2.65
3.05
3.45
A
Selected peak current limit
RILIM = 100 k; VFB = 0.6 V
(2)
0.68
0.85
1.01
A
ISKIP
Pulse skipping peak current
(2)
0.5
A
VFOLD
Feedback foldback level
(3)
400
mV
TONMAX Maximum On time
12
µs
TONMIN Minimum On time
120
150
ns
TOFFMIN Minimum Off time
(3)
360
ns
VCC / VBIAS
VCCH
VCC UVLO rising threshold
(1)
3.85
4.10
4.30
V
VCCHYST VCC UVLO hysteresis
(1)
160
250
340
mV
SWO
VBIAS threshold
Switch internal supply from VCC to VBIAS.
VBIAS ramping up from 0 V.
(1)
2.84
2.90
2.96
V
Hysteresis
(3)
80
mV
VCC - VBIAS threshold
Switch internal supply from VCC to VBIAS.
VIN = VCC = 24 V, VBIAS falling from 24 V
to GND.
(1)
3.35
4.05
4.90
V
Hysteresis
(3)
750
mV
Power consumption
ISHTDWN Shutdown current from VIN
VEN = GND
11
16
µA
IQUIESC
Quiescent current from VIN
and VCC
LX floating, VFB = 1 V, VBIAS = GND,
FSW floating
2.5
3.4
mA
IQOPVIN
Quiescent current from VIN
and VCC
LX floating, VFB = 1 V, VBIAS = 3.3 V,
FSW floating
1.0
1.4
mA
IQOPVBIAS
Quiescent current from
VBIAS
1.6
2.4
mA


Similar Part No. - L7987L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7987 STMICROELECTRONICS-L7987 Datasheet
2Mb / 37P
   Adjustable current limitation
March 2015 Rev 3
More results

Similar Description - L7987L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7987 STMICROELECTRONICS-L7987 Datasheet
2Mb / 37P
   Adjustable current limitation
March 2015 Rev 3
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
   Current limitation reactor
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
   Current limitation
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
   Load current limitation
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
   61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
DS12928 - Rev 3 - September 2020
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
STMicroelectronics
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
   Low standby losses power front-end with inrush current-limitation
June 2016 Rev 1
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
   Built-in 5V/3.3V Voltage Regulator with Current Limitation
U2010B ATMEL-U2010B_10 Datasheet
1Mb / 18P
   Programmable Load-current Limitation with Over- and High-load Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com