Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39115J15R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39115J15R
Description  150 mA guaranteed output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J15R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39115J15R Datasheet HTML 4Page - STMicroelectronics LD39115J15R Datasheet HTML 5Page - STMicroelectronics LD39115J15R Datasheet HTML 6Page - STMicroelectronics LD39115J15R Datasheet HTML 7Page - STMicroelectronics LD39115J15R Datasheet HTML 8Page - STMicroelectronics LD39115J15R Datasheet HTML 9Page - STMicroelectronics LD39115J15R Datasheet HTML 10Page - STMicroelectronics LD39115J15R Datasheet HTML 11Page - STMicroelectronics LD39115J15R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
LD39115J
8/21
DocID15527 Rev 6
ISC
Short circuit current
RL = 0
200
mA
VEN
Enable input logic low
VIN = 1.5 V to5.5 V,
-40 °C<TJ<125 °C
0.4
V
Enable input logic high
VIN = 1.5 V to 5.5 V, -40 °C<TJ<125
°C
0.9
IEN
Enable pin input current VSHDN = VIN
0.1
100
nA
TON
Turn on time(4)
30
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6: Typical
performance characteristics)
122
µF
1.
For VOUT(NOM) < 1.2 V, VIN = 1.5 V.
2.
All transient values are guaranteed by design, not production tested.
3.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for output voltages below 1.5 V.
4.
Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage just
reaching 95 % of its nominal value.
Table 5. Electrical characteristics for LD39115J (continued)(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - LD39115J15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39115J15R STMICROELECTRONICS-LD39115J15R Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39115J15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Toshiba Semiconductor
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
   150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com