Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1707DFT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDE1707DFT
Description  Low side or high side switch configuration
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1707DFT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDE1707DFT Datasheet HTML 6Page - STMicroelectronics TDE1707DFT Datasheet HTML 7Page - STMicroelectronics TDE1707DFT Datasheet HTML 8Page - STMicroelectronics TDE1707DFT Datasheet HTML 9Page - STMicroelectronics TDE1707DFT Datasheet HTML 10Page - STMicroelectronics TDE1707DFT Datasheet HTML 11Page - STMicroelectronics TDE1707DFT Datasheet HTML 12Page - STMicroelectronics TDE1707DFT Datasheet HTML 13Page - STMicroelectronics TDE1707DFT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Application information
TDE1707DFT
10/15
3.1
Adjustable input hysteresis circuit
The TDE1707DFT is a device realized in bipolar technology and therefore it has the usual
problems of temperature compensation that such technology involves; despite all it maintains
an input dynamics within 1V over industrial temperatures range.
In all input voltage range it will guarantee a high impedance of 1Mohm determining an input
current about 2uA.
Exploiting this input high impedance is possible connects a sensor directly on it and bypass the
obstacle of active signal conditioning circuit using a voltage firm point as ground of sensor, the
delay capacitor, connected on the pin 3, as low pass filter and capacitor on Vreg pin to minimize
the noise on it and protect for errors the low-voltage internal circuits, according AN495.
In Figure 8. the input external network is optimized for accepting both a sensor with ground
connected to the body and a sensor with independent ground.
In order to ground the body of the sensor , J1 has to be shorted , while J2 opened and connect
the sensor on M3; in case of independent ground J1 must be opened, J2 shorted and the
sensor connected on M4.
DL1 indicate commutation status of the device output and C3 realize a simple output filtering in
case is used an inductive load. With C2 about 10nF we obtain a good filtering and immunity
from input voltage noise. C4 is 4,7nF according AN495.
R2 is an optional resistor plugged only when the sensor needs to adapt its impedance with the
input impedance of device. .
Figure 8.
Application circuit for adjustable input hysteresis
TDE1707


Similar Part No. - TDE1707DFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707 STMICROELECTRONICS-TDE1707 Datasheet
93Kb / 6P
   INTELLIGENT POWER SWITCH
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
   INTELLIGENT POWER SWITCH
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
   INTELLIGENT POWER SWITCH
TDE1707FP STMICROELECTRONICS-TDE1707FP Datasheet
93Kb / 6P
   INTELLIGENT POWER SWITCH
More results

Similar Description - TDE1707DFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
logo
Analog Devices
ADUM7223 AD-ADUM7223 Datasheet
528Kb / 17P
   High-side or low-side relative to input
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
   5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Infineon Technologies A...
TLE7234E INFINEON-TLE7234E Datasheet
718Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234G INFINEON-TLE7234G Datasheet
697Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7237GS INFINEON-TLE7237GS Datasheet
705Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
ITS4880R INFINEON-ITS4880R Datasheet
339Kb / 20P
   Smart Power High-Side-Switch or Industrial Applications
2006-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com