Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA1-05D3H6 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BMA1-05D3H6
Description  Isolated DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BMA1-05D3H6 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BMA1-05D3H6 Datasheet HTML 1Page - Bothhand USA, LP. BMA1-05D3H6 Datasheet HTML 2Page - Bothhand USA, LP. BMA1-05D3H6 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
usa.com
http://www.bothhand
usa.com
Rev:20101213
Page 2 of 3
Isolated DC-DC Converters
BMA1 H6 Series -- 1Watt
Input Specifications
5V nominal input
4.5-5.5Vdc
12V nominal input
10.8-13.2Vdc
15 V nominal input
13.5-16.5Vdc
Input voltage
24V nominal input
21.6-26.4Vdc
5V input
7.5Vdc
12V input
15Vdc
15 V input
18Vdc
Input surge voltage
(100ms max.)
24V input
30Vdc
Environmental Specifications
Operating ambient temperature
-40°C to +85°C
Maximum case temperature
+95°C
Storage temperature range
-55°C to +105°C
Relative humidity
90% RH max.
Temperature coefficient
±0.02% / °C max.
Output Specifications
Output power
1 Watts max.
Voltage accuracy
Full load and nominal Vin
±5%
Minimum load
See table
Line regulation
Per 1.0% change in input change
1.3% max
10% load to full load
15%
Balanced load (Dual Output at Same Load)
±1%
Load Regulation
Unbalanced load 10% to 100% full load
15%
3.3Vout Models
50mVp-p max.
5Vout Models
50mVp-p max.
9Vout Models
80mVp-p max.
12Vout models
100mVp-p max.
Ripple and Noise
(20MHz Bandwidth)
15Vout models
120mVp-p max.
Short circuit protection
1
Second max
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
60 Second / 0.5 mA
6000Vdc
Isolation resistance
500Vdc
10
9 Ohms min.
Isolation capacitance
100Hz,1V
50pF typ.
Switching frequency
60kHz typ.
Reliability, calculated MTBF
2500k hours
Physical Specifications
Case material
Plastic
Potting material
E
Epoxy encapsulated(UL94V-0)
0.86 × 0.44 × 0.36 Inch
Dimensions
(21.9 × 11.2 × 9.2 mm)
Weight
3.7g typ.
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.


Similar Part No. - BMA1-05D3H6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1-05D3H6 BOTHHAND-BMA1-05D3H6 Datasheet
206Kb / 3P
   Isolated DC-DC Converters
More results

Similar Description - BMA1-05D3H6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com