Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YMF740C Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # YMF740C
Description  DS-1L
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YMF740C Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button YMF740C Datasheet HTML 34Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 35Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 36Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 37Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 38Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 39Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 40Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 41Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
YMF740C
January 14, 1999
-38-
3. DC Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
High Level Input Voltage 1
VIH1
*1
2.2
VDD5 +0.5
V
Low Level Input Voltage 1
VIL1
*1
-0.5
0.8
V
High Level Input Voltage 2
VIH2
*2
2.2
VDD5 +0.5
V
Low Level Input Voltage 2
VIL2
*2
-0.5
0.6
V
High Level Input Voltage 3
VIH3
*3
2.2
V
Low Level Input Voltage 3
VIL3
*3
0.8
V
High Level Input Voltage 4
VIH4
*4
0.7VDD5
V
Low Level Input Voltage 4
VIL4
*4
0.2VDD5
V
Input Leakage Current
IIL
0< VIN < VDD5
-10
10
µA
High Level Output Voltage 1
VOH1
*5, IOH1 = -1mA
2.4
V
Low Level Output Voltage 1
VOL1
*5, IOL1 = 3mA
0.55
V
High Level Output Voltage 2
VOH2
*6, IOH2 = -2mA
2.4
V
Low Level Output Voltage 2
VOL2
*6, IOL2 = 6mA
0.55
V
High Level Output Voltage 3
VOH3
*7, IOH3 = -4mA
2.4
V
Low Level Output Voltage 3
VOL3
*7, IOL3 = 12mA
0.55
V
High Level Output Voltage 4
VOH4
*8, IOH4 = -80µA
VDD5-1.0
V
Low Level Output Voltage 4
VOL4
*8, IOL4 = 2mA
0.4
V
Input Pin Capacitance
CIN
515
pF
Clock Pin Capacitance
CCLK
515
pF
IDSEL Pin Capacitance
CIDSEL
515
pF
Output Leakage Current
IOL
-10
10
µA
Power Supply Current 1
PVDD+VDD5
60
mA
(Normal Operation)
VDD3
145
mA
Power Supply Current 2
*9, PVDD+VDD5
0.5
2
mA
(Power Save)
*9, VDD3
6
10
mA
Note : Top = 0~70°C, PVDD=5.0
±0.25[V], VDD5=5.0±0.25[V], VDD3=3.3±0.3[V], LVDD=3.3±0.3[V], C
L=50 pF
*1: Applicable to all PCI Iuput/Output pins and Iunput pins except PCICLK and RST# pin.
*2: Applicable to RST# pin.
*3: Applicable to CBCLK, CSDI, GP[7:4], RXD and TEST[7:0]# pins.
*4: Applicable to XI24 pin.
*5: Applicable to AD[31:0], C/BE[3:0]#, PAR, REQ#, PCREQ#, SERIRQ# and TXD pins.
*6: Applicable to FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#, PERR#, SERR#, CRST#, CSYNC and CSDO
pins.
*7: Applicable to IRQ5, IRQ7, IRQ9, IRQ10, IRQ11 and INTA# pins.
*8: Applicable to CMCLK and XO24 pins.
*9: DS-1L Power Control Register, DMC=DPLL0=DPLL1=PSN=PSL0=PSL1=“1”, PCICLK (33MHz) is stopped.


Similar Part No. - YMF740C

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
   AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
List of Unclassifed Man...
YMF744B ETC-YMF744B Datasheet
303Kb / 60P
   DS-1S
More results

Similar Description - YMF740C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1788 ETC2-LPC1788 Datasheet
349Kb / 6P
   OEM Board DS rev A DS
LPC4088 ETC2-LPC4088 Datasheet
352Kb / 6P
   OEM Board DS rev A DS
YMF744B ETC-YMF744B Datasheet
303Kb / 60P
   DS-1S
logo
Panasonic Battery Group
DS PANASONICBATTERY-DS Datasheet
92Kb / 6P
   DS RELAYS
logo
YAMAHA CORPORATION
YMF754 YAMAHA-YMF754 Datasheet
305Kb / 60P
   DS-1E
logo
Datatronic Distribution...
LM302-1L DATATRONICS-LM302-1L Datasheet
122Kb / 1P
   TELECOM TRANSFORMER LM302-1L
logo
Pasternack Enterprises,...
PE4878 PASTERNACK-PE4878 Datasheet
89Kb / 1P
   MCX CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
logo
Adels-Contact
128303 ADELS-128303 Datasheet
118Kb / 2P
   2000/ 3 DS
128308 ADELS-128308 Datasheet
121Kb / 2P
   2000/ 8 DS
128311 ADELS-128311 Datasheet
122Kb / 2P
   2000/11 DS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com