Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA20-48S1WHS Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BRA20-48S1WHS
Description  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BRA20-48S1WHS Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BRA20-48S1WHS Datasheet HTML 1Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 2Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 3Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 4Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 5Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 6Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 7Page - Bothhand USA, LP. BRA20-48S1WHS Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev:20120813A
Page 3 of
8
Isolated DC-DC Converters
BRA20WHS Series -- 20 Watt
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
50
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
Input to output
1500VDC
Isolation resistance
500VDC
10
9 Ohms min.
Isolation capacitance
450pF typ.
Switching frequency
330kHz typ.
Reliability, calculated MTBF
0.35 × 10
6 Hrs
Physical Specifications
Case material
Nickel-coated copper
Base material
Non conductive FR4
Potting material
Silicon rubber (UL94V-0)
1.0 × 1.0 × 0.4 Inch
Dimensions
(25.4 × 25.4 × 10.2 mm)
Weight
19.2g (0.68oz) typ.
Power Derating Curve (Without Heatsink)
Power Derating Curve (With Heatsink)
Ambient Temp.TA (
)
Ambient Temp.TA (
)
BRA20-48S1WHS
BRA20-48S1WHS
Input voltage vs. Efficiency
Output Current vs. Efficiency
Input voltage (V)
Output Current (A)
5 0
5 5
6 0
6 5
7 0
7 5
8 0
8 5
9 0
9 5
18
24
30
36
42
48
54
60
66
75
50
55
60
65
70
75
80
85
90
95
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BRA20-48S1WHS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA20-48S1WHS BOTHHAND-BRA20-48S1WHS Datasheet
767Kb / 8P
   Isolated DC-DC Converters
More results

Similar Description - BRA20-48S1WHS

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com