Electronic Components Datasheet Search |
|
BQA3-48S3R Datasheet(PDF) 1 Page - Bothhand USA, LP. |
|
BQA3-48S3R Datasheet(HTML) 1 Page - Bothhand USA, LP. |
1 / 7 page Rev:20130813A Page 1 of 7 Isolated DC-DC Converters BQA3R Series -- 3 Watt Features Wide 2 : 1 Input Voltage Range(4.5~9V,9~18V,18~36V,36~75V) Input / Output Isolation Voltage: 1.5K VDC Extended Operating Temperature Range: -40°C to +85°C Output Short Circuit Protection: Continuous & Auto Recovery Over Voltage Protection: Clamp Mode UL94V-0 Package Material Lead Free Design, RoHS Compliant 24pin DIP Package with Industry-Standard Footprint Customer Design Available Safety Standard / Approval : IEC / EN 60950-1 Technical Specification All specifications are typical at nominal input, full load and 25°C unless otherwise stated. Output Current (mA) Input Current (mA) Model Number Input Voltage Range Output Voltage (V) Min. Load (1) Full. Load No Load Full Load Eff . (2) (%) Capacitive Load, max. (3) (uF) 3.3 0 600 46 552 76 4000 5 0 500 44 646 81 4000 12 0 250 62 769 82 4000 15 0 200 67 760 83 4000 ±5 0 ±250 55 638 82 1000 ±12 0 ±125 83 766 82 1000 BQA3-05S0R BQA3-05S1R BQA3-05S2R BQA3-05S3R BQA3-05D1R BQA3-05D2R BQA3-05D3R 4.5~9V Nominal:5V ±15 0 ±100 89 765 82 1000 BQA3-12S0R 3.3 0 600 26 223 78 4000 BQA3-12S1R 5 0 500 24 263 83 4000 BQA3-12S2R 12 0 250 35 314 84 4000 BQA3-12S3R 15 0 200 36 311 84 4000 BQA3-12D1R ±5 0 ±250 29 262 83 1000 BQA3-12D2R ±12 0 ±125 44 313 84 1000 BQA3-12D3R 9~18V Nominal:12V ±15 0 ±100 59 317 83 1000 BQA3-24S0R 3.3 0 600 20 112 78 4000 BQA3-24S1R 5 0 500 23 133 82 4000 BQA3-24S2R 12 0 250 26 157 84 4000 BQA3-24S3R 15 0 200 26 156 84 4000 BQA3-24D1R ±5 0 ±250 22 133 83 1000 ±12 0 ±125 30 159 83 1000 BQA3-24D2R BQA3-24D3R 18~36V Nominal:24V ±15 0 ±100 40 160 82 1000 BQA3-48S0R 3.3 30 600 10 57 76 4000 BQA3-48S1R 5 0 500 9 67 81 4000 BQA3-48S2R 12 0 250 11 79 83 4000 BQA3-48S3R 15 0 200 12 79 83 4000 BQA3-48D1R ±5 0 ±250 10 67 82 1000 BQA3-48D2R ±12 0 ±125 14 79 82 1000 BQA3-48D3R 36~75V Nominal:48V ±15 0 ±100 18 80 82 1000 Description The BQA3R Series are isolated 3W DC/DC converters. Designed with highly efficiency, allow the operating temperature range of these units to be -40°C to +85°C in a 24 pin DIP package with industry-standard footprint. Further features include wide 2 : 1 input voltage range, short-circuit protection and over voltage protection. Applications These converters are well suitable for battery operated equipment, measurement equipment, telecom, wireless network, Industry control system, everywhere where isolated, tightly regulated voltages and compact size are required. Bothhand USA sales@bothhandusa.com www.bothhandusa.com |
Similar Part No. - BQA3-48S3R |
|
Similar Description - BQA3-48S3R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |