Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC7538 Datasheet(PDF) 4 Page - Winchester Electronics Corporation

Part # SBC7538
Description  Serial Digital BNC Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SBC7538 Datasheet(HTML) 4 Page - Winchester Electronics Corporation

  SBC7538 Datasheet HTML 1Page - Winchester Electronics Corporation SBC7538 Datasheet HTML 2Page - Winchester Electronics Corporation SBC7538 Datasheet HTML 3Page - Winchester Electronics Corporation SBC7538 Datasheet HTML 4Page - Winchester Electronics Corporation SBC7538 Datasheet HTML 5Page - Winchester Electronics Corporation SBC7538 Datasheet HTML 6Page - Winchester Electronics Corporation SBC7538 Datasheet HTML 7Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
- Page 4 -
sss
BNC three piece crimp connectors feature semi-captive contacts that “click” into place assuring perfect installation. Each crimp pin has a vent hole
for optional soldering. Soldering is recommended for all stranded conductors 26 AWG or smaller.
Part No.
Description
Fig.
310A205A
6, 21AWG Center Conductor
1
310A205A18
6 CATV, 18AWG Center Conductor
1
310A204F
58A/U, 58C/U Stranded, 141, Thin PVC
1
310A205FS
58/U Solid Conductor
1
310A205FV
58/U Thin-Net Plenum
2
310A204G
59, 62, 210
1
310A205G20
RG59 20 AWG Center Cond.
1
310A205G23
Belden 8241
1
310A205MV
174, 178, 196, Mini RGB Cable
3
310A205N
179, 187
3
310A205P
223
1
310B205Q
Belden 8281 True 75 Ohms
1
310A204T
59, 62, Plenum
2
310A208W2
Mini 59, RGB Cable (26 AWG)
2
320A204F
58A/U, 58C/U Stranded, 141, Thin PVC
4
320A204G
59, 62, 210
4
320A205FV
174, 178, 196, Mini RGB Cable
5
320A204T
59, 62, Plenum
5
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Analog N Connectors
N Series connectors are medium sized, and weatherproof. The coupling method utilizes a screw system designed for use at frequencies up to
microwave. These connectors are particularly useful where precision performance is necessary such as in satellite communications, MATV, radio
transmitter antenna systems and other high-tech electronic equipment. Because of the quality manufacturing tolerances these connectors ensure
excellent performance throughout 0-18GHz
Part No.
Description
Fig.
110A205BC
“N” Cable Plug to Fit RG8 and RG214 Cables
6
Two ferrules supplied: For applications with both RG8 and RG214 cables
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig.6
back to index
3
Adapters
Standard adapters are designed for analog and serial digital applications below 2 GHz. Shown below are some of the more popular types. Contact
Bomar for a complete listing.
Part Number
Description
Fig.
1303505
N Male to BNC Male
1
1313505
N Male to BNC Female
2


Similar Part No. - SBC7538

ManufacturerPart #DatasheetDescription
logo
NEC
SBC7-100-532 NEC-SBC7-100-532 Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
SBC7-100-532 KEMET-SBC7-100-532 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
SBC7-100-532 KEMET-SBC7-100-532 Datasheet
77Kb / 1P
   KEMET, SBC7, Power, 10 uH, 20%, 10mm
logo
NEC
SBC7-101-192 NEC-SBC7-101-192 Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
SBC7-101-192 KEMET-SBC7-101-192 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
More results

Similar Description - SBC7538

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
List of Unclassifed Man...
F6-25B ETC2-F6-25B Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
API Delevan
F6-15W API-F6-15W Datasheet
58Kb / 2P
   BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com