Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6132A2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6132A2
Description  25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6132A2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA6132A2 Datasheet HTML 1Page - Texas Instruments TPA6132A2 Datasheet HTML 2Page - Texas Instruments TPA6132A2 Datasheet HTML 3Page - Texas Instruments TPA6132A2 Datasheet HTML 4Page - Texas Instruments TPA6132A2 Datasheet HTML 5Page - Texas Instruments TPA6132A2 Datasheet HTML 6Page - Texas Instruments TPA6132A2 Datasheet HTML 7Page - Texas Instruments TPA6132A2 Datasheet HTML 8Page - Texas Instruments TPA6132A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
HPVDD
CPP
INL-
INL+
INR+
INR-
PGND
CPN
2
3
4
12
11
10
9
TPA6132A2
www.ti.com
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
RTE (WQFN) PACKAGE
(TOP VIEW)
Pin Functions
PIN
I/O/P
DESCRIPTION
NAME
NO.
INL-
1
I
Inverting left input for differential signals; left input for single-ended signals
Non-inverting left input for differential signals. Connect to ground for single-ended input
INL+
2
I
applications
Non-inverting right input for differential signals. Connect to ground for single-ended input
INR+
3
I
applications
INR-
4
O
Inverting right input for differential signals; right input for single-ended signals
OUTR
5
I
Right headphone amplifier output. Connect to right terminal of headphone jack
G0
6
I
Gain select
GAIN0
I
G1
7
P
Gain select
GAIN1
P
Charge pump output and negative power supply for output amplifiers; connect 1
μF
HPVSS
8
P
capacitor to GND
Charge pump negative flying cap. Connect to negative side of 1
μF capacitor between
CPN
9
P
CPP and CPN
PGND
10
P
Ground
Charge pump positive flying cap. Connect to positive side of 1
μF capacitor between CPP
CPP
11
P
and CPN
Positive power supply for headphone amplifiers. Connect to a 2.2
μF capacitor. Do not
HPVDD
12
I
connect to VDD
EN
13
P
Amplifier enable. Connect to logic low to shutdown; connect to logic high to activate
VDD
14
I
Positive power supply for TPA6132A2
SGND
15
O
Amplifier reference voltage. Connect to ground terminal of headphone jack
OUTL
16
P
Left headphone amplifier output. Connect to left terminal of headphone jack
Solder the exposed metal pad on the TPA6132A2RTE QFN package to the landing pad
Thermal Pad
on the PCB. Connect the landing pad to ground or leave it electrically unconnected
(floating).
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA6132A2


Similar Part No. - TPA6132A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6132A2RTER TI-TPA6132A2RTER Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2RTET TI-TPA6132A2RTET Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Similar Description - TPA6132A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com