Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6132A2RTET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6132A2RTET
Description  25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6132A2RTET Datasheet(HTML) 4 Page - Texas Instruments

  TPA6132A2RTET Datasheet HTML 1Page - Texas Instruments TPA6132A2RTET Datasheet HTML 2Page - Texas Instruments TPA6132A2RTET Datasheet HTML 3Page - Texas Instruments TPA6132A2RTET Datasheet HTML 4Page - Texas Instruments TPA6132A2RTET Datasheet HTML 5Page - Texas Instruments TPA6132A2RTET Datasheet HTML 6Page - Texas Instruments TPA6132A2RTET Datasheet HTML 7Page - Texas Instruments TPA6132A2RTET Datasheet HTML 8Page - Texas Instruments TPA6132A2RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPA6132A2
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
Headphone amplifier supply voltage
HPVDD (do not connect to external supply)
–0.3
1.9
V
INR+, INR-, INL+, INL-
HPVSS
HPVDD +
V
–0.3
0.3
Input voltage, VI
EN, G0, G1
–0.3
HPVDD +
V
0.3
Output continuous total power dissipation
See Thermal Information
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
85
°C
Human body model (HBM), per ANSI/ESDA/JEDEC
OUTL, OUTR
–8
–8
kV
JS-001, all pins(1)
Electrostatic
All Other Pins
–2
–2
V(ESD)
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all
–1.5
1.5
kV
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Condtions
MIN
MAX
UNIT
Supply voltage, VDD
2.3
5.5
V
VIH
High-level input voltage; EN, G0, G1
1.3
V
VIL
Low-level input voltage; EN, G0, G1
0.6
V
VI
Input voltage; INR+, INR-, INL+, INL-
0
HPVDD +
V
0.3
Voltage applied to Output; OUTR, OUTL (when EN = 0 V)
–0.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
RTE
THERMAL METRIC(1)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
51.1
RθJC(top)
Junction-to-case (top) thermal resistance
53.9
RθJB
Junction-to-board thermal resistance
24.3
°C/W
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
24.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA6132A2


Similar Part No. - TPA6132A2RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2RTET TI-TPA6132A2RTET Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Similar Description - TPA6132A2RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com