Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6204A1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA6204A1
Description  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6204A1_17 Datasheet HTML 1Page - Texas Instruments TPA6204A1_17 Datasheet HTML 2Page - Texas Instruments TPA6204A1_17 Datasheet HTML 3Page - Texas Instruments TPA6204A1_17 Datasheet HTML 4Page - Texas Instruments TPA6204A1_17 Datasheet HTML 5Page - Texas Instruments TPA6204A1_17 Datasheet HTML 6Page - Texas Instruments TPA6204A1_17 Datasheet HTML 7Page - Texas Instruments TPA6204A1_17 Datasheet HTML 8Page - Texas Instruments TPA6204A1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TPA6204A1
www.ti.com
SLOS429C – MAY 2004 – REVISED MAY 2016
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
7.6 Operating Characteristics: TA = 25°C, Gain = 1 V/V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD + N = 1%, f = 1 kHz,
RL = 8 Ω
VDD = 5.5 V
1.36
W
VDD = 3.6 V
0.72
VDD = 2.5 V
0.33
THD + N = 10%, f = 1 kHz,
RL = 8 Ω
VDD = 5.5 V
1.7
W
VDD = 3.6 V
0.85
VDD = 2.5 V
0.4
THD+N
Total harmonic distortion +
noise
VDD = 5 V, PO = 1 W, RL = 8 Ω, f = 1 kHz
0.02%
VDD = 3.6 V, PO = 0.5 W, RL = 8 Ω, f = 1 kHz
0.02%
VDD = 2.5 V, PO = 200 mW, RL = 8 Ω, f = 1 kHz
0.03%
kSVR
Supply ripple rejection ratio
VDD = 3.6 V, Inputs
AC-grounded with Ci = 2 µF,
V(RIPPLE) = 200 mVPP
f = 217 Hz
–80
dB
f = 20 Hz to 20 kHz
–70
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 1 W, RL = 8 Ω
105
dB
Vn
Output voltage noise
VDD = 3.6 V, f = 20 Hz to 20
kHz, Inputs AC-grounded
with Ci = 2 μF
No weighting
15
µVRMS
A weighting
12
CMRR
Common-mode rejection ratio VDD = 3.6 V VIC = 1 VPP
f = 217 Hz
–65
dB
RF
Feedback resistance
38
40
44
k
Ω
Start-up time from shutdown
VDD = 3.6 V, CBYPASS = 0.1 μF
27
ms
7.7 Dissipation Ratings
PACKAGE
TA ≤ 25°C POWER
RATINGS
DERATING FACTOR
TA = 70°C POWER RATINGS TA = 85°C POWER
RATINGS
DRB
2.7 W
21.8 mW/°C
1.7 W
1.4 W


Similar Part No. - TPA6204A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6204A1_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com