Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-11CA Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TGL41-11CA
Description  500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TGL41-11CA Datasheet(HTML) 1 Page - Microsemi Corporation

  TGL41-11CA Datasheet HTML 1Page - Microsemi Corporation TGL41-11CA Datasheet HTML 2Page - Microsemi Corporation TGL41-11CA Datasheet HTML 3Page - Microsemi Corporation TGL41-11CA Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
500 Watt Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2003
01-29-2003 REV A
SCOTTSDALE DIVISION
TGL41-6.8 thru TGL41-200CA
DESCRIPTION
APPEARANCE
This series of 500 W Transient Voltage Suppressors (TVSs) provides the
highest level of Peak Pulse Power (PPP) in the industry for the DO-213AB
size MELF package. These PPP levels offer protection from switching
transients, induced RF, secondary lightning, as well as ESD or EFT where
these devices are also compliant to IEC61000-4-2 and IEC61000-4-4. In
addition to unidirectional TVS configurations, this series also offers
bidirectional options with C or CA suffix. Its configuration in a MELF
package prevents lead damage to terminals and also reduces inductive
parasitics for minimal transient voltage overshoots.
DO-213AB
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Economical series for 500 Watt Surface Mount
transient voltage suppressor.
Available in Both Unidirectional and Bidirectional
Construction. Bidirectional has a C or CA suffix.
6.8 to 200 Volts Available.
500 Watts Peak Power Dissipation.
Fast Response Time: Subnanosecond Response
(Unipolar) or 5.0 ns (Bipolar).
Plastic package has flame retardant epoxy meeting
UL94V-0
For Surface Mount Applications
Protection from switching transients, induced
RF, secondary lightning, as well as ESD, and
EFT per IEC 61000-4-2 and IEC 6100-4-4
Very low inductive parasitics with minimal
Ldi/dt voltage overshoots for fast-rise-time
transients
Robust package for pick-and-place handling
MAXIMUM RATINGS @ 25oC*
MECHANICAL AND PACKAGING
Peak Pulse Power Dissipation (PPP) - 500 W (Note
1 & 5).
Peak Forward Surge Current (IFSM) - 40 A (Note 3)
Peak Pulse Current (IPP) at 10/1000 µs waveform -
see Table 1 (Note 1)
Steady-State Power Dissipation, P(AV) - 3.0W (Note
2, 4)
Operating and Storage temperatures, TOP, TSTG
(-55
oC to +150oC)
Thermal Resistance junction to end cap (R? JEC) –
15
oC/W
Molded epoxy package meets UL94V-0
End-Cap terminals solderable per MIL-STD-750,
Method 2026 (max 260
oC for 10 seconds.
Polarity is indicated by cathode band. Bidirectional
devices have no polarity band.
Body marked with P/N without TGL41 prefix.
Weight: 0.06 grams (approximate)
Tape and Reel packaging per EIA-481-2 with 12
mm tape with 5000 per 13 inch reel.
* Unless otherwise specified.
NOTES:
1. Non-repetitive current pulse, per Figure 3 and derated above TA = 25
oC per Figure 2.
2. Mounted on 4.0 mm
2
copper pads to each terminal. (See Figure 3)
3. 8.3 ms single half-sine wave duty cycle = 4 pulses per minute max. Peak forward voltage at 40 A is 3.5 volts (unipolar only)
4. Derate linearly above 100
oC to zero at 150oC for dc steady-state power. Also see Figure 2 for transient derating.
5. Peak pulse current waveform is 10/1000
µs, with maximum duty cycle of 0.01%. (See Figure 4)


Similar Part No. - TGL41-11CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TGL41-11CA TAITRON-TGL41-11CA Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Diotec Semiconductor
TGL41-11CA DIOTEC-TGL41-11CA Datasheet
179Kb / 4P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - TGL41-11CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-10CA MICROSEMI-TGL41-10CA Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
SMBJSAC50 MICROSEMI-SMBJSAC50 Datasheet
185Kb / 1P
   500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
HSMBJSAC5.0 MICROSEMI-HSMBJSAC5.0 Datasheet
271Kb / 3P
   500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA TSC-SA_13 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
   500 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SA TSC-SA_10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Comchip Technology
CTAN1424V-G COMCHIP-CTAN1424V-G Datasheet
147Kb / 3P
   300 Watt Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com