Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S016 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPD12S016
Description  HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 Datasheet(HTML) 4 Page - Texas Instruments

  TPD12S016_17 Datasheet HTML 1Page - Texas Instruments TPD12S016_17 Datasheet HTML 2Page - Texas Instruments TPD12S016_17 Datasheet HTML 3Page - Texas Instruments TPD12S016_17 Datasheet HTML 4Page - Texas Instruments TPD12S016_17 Datasheet HTML 5Page - Texas Instruments TPD12S016_17 Datasheet HTML 6Page - Texas Instruments TPD12S016_17 Datasheet HTML 7Page - Texas Instruments TPD12S016_17 Datasheet HTML 8Page - Texas Instruments TPD12S016_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
GND
GND
5V_OUT
VCCA
SCL_A
SDA_A
HPD_A-
GND
CEC_B
SCL_B
SDA_B
HPD_B-
LS_OE
VCC5V
CT_HPD
CEC_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
GND
GND
SCL_A
SDA_A
HPD_A
GND
CEC_B
SCL_B
SDA_B
HPD_B
LS_OE
VCC5V
1
TPD12S016
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
www.ti.com
5 Pin Configuration and Functions
RKT Package
PW Package
24-Pin UQFN
24-Pin TSSOP
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
RKT
PW
16, 17, 19 to
17, 18, 20 to
HDMI TMDS data. Connect to HDMI controller and HDMI connector
D–, D+
IO
22
23
directly
HDMI TMDS clock. Connect to HDMI controller and HDMI connector
CLK+, CLK–
14, 15
15, 16
IO
directly
Hot plug detect output referenced to VCCA. Connect to HDMI controller hot
HPD_A
3
4
O
plug detect input pin
Hot plug detect input. Connect directly to HDMI connector hot plug detect
HPD_B
9
10
I
pin
HDMI controller side CEC signal pin referenced to VCCA. Connect to HDMI
CEC_A
24
1
IO
controller
HDMI connector side CEC signal pin referenced to internal 3.3-V supply.
CEC_B
6
7
IO
Connect to HDMI connector CEC pin
HDMI controller side SCL signal pin referenced to VCCA. Connect to HDMI
SCL_A
1
2
IO
controller
HDMI connector side SCL signal pin referenced to 5V_OUT supply.
SCL_B
7
8
IO
Connect to HDMI connector SCL pin
HDMI controller side SDA signal pin referenced to VCCA. Connect to HDMI
SDA_A
2
3
IO
controller
HDMI connector side SDA signal pin referenced to 5V_OUT supply.
SDA_B
8
9
IO
Connect to HDMI connector SDA pin
LS_OE
4
5
I
Disables the Level shifters when OE = L. The OE pin is referenced to VCCA
Disables the load switch and HPD_B when CT_HPD = L. The CT_HPD is
CT_HPD
11
12
I
referenced to VCCA
VCC5V
10
11
PWR
Internal 5-V supply (input to the load switch)
VCCA
23
24
PWR
Internal PCB low voltage supply (same as the HDMI controller chip supply)
5V_OUT
12
13
O
External 5-V supply (output of the load switch)
GND
5, 13, 18
6, 14, 19
GND
Connect to system ground plane
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S016


Similar Part No. - TPD12S016_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
More results

Similar Description - TPD12S016_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com