Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S016 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S016
Description  HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD12S016 Datasheet HTML 5Page - Texas Instruments TPD12S016 Datasheet HTML 6Page - Texas Instruments TPD12S016 Datasheet HTML 7Page - Texas Instruments TPD12S016 Datasheet HTML 8Page - Texas Instruments TPD12S016 Datasheet HTML 9Page - Texas Instruments TPD12S016 Datasheet HTML 10Page - Texas Instruments TPD12S016 Datasheet HTML 11Page - Texas Instruments TPD12S016 Datasheet HTML 12Page - Texas Instruments TPD12S016 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPD12S016
www.ti.com
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bus load capacitance (B side)
750
CL
pF
Bus load capacitance (A side)
15
VOLTAGE LEVEL SHIFTER – SCL, SDA LINES (x_A And x_B PORTS) VCCA = 1.2 V
A to B
310
tPHL
Propagation delay
ns
B to A
420
A to B
510
tPLH
Propagation delay
ns
B to A
427
A Port fall time
A-Port
SCL/SDA channels enabled
334
tFALL
ns
B Port fall time
B-Port
225
A Port rise time
A-Port
315
tRISE
ns
B Port rise time
B-Port
415
F(MAX) Maximum switching frequency
400
kHz
VOLTAGE LEVEL SHIFTER – CEC LINES (x_A AND x_B PORTS) VCCA = 1.2 V
A to B
385
tPHL
Propagation delay
ns
B to A
526
A to B
13.8
µs
tPLH
Propagation delay
B to A
16.6
ns
CEC channel enabled
A Port fall time
A-Port
334
tFALL
ns
B Port fall time
B-Port
170
A Port rise time
A-Port
315
ns
tRISE
B Port rise time
B-Port
28
µs
VOLTAGE LEVEL SHIFTER – HPD LINES (x_A AND x_B PORTS) VCCA = 1.2 V
tPHL
Propagation delay
B to A
14.4
µs
tPLH
Propagation delay
B to A
9.2
µs
HPD channel enabled
tFALL
A Port fall time
A-Port
2.1
ns
tRISE
A Port rise time
A-Port
2.1
ns
VOLTAGE LEVEL SHIFTER – SCL, SDA LINES (x_A AND x_B PORTS) VCCA = 1.5 V
A to B
310
ns
tPHL
Propagation delay
B to A
420
ns
A to B
410
ns
tPLH
Propagation delay
B to A
425
ns
A Port fall time
A-Port
SCL/SDA channels enabled
250
ns
tFALL
B Port fall time
B-Port
225
ns
A Port rise time
A-Port
315
ns
tRISE
B Port fall time
B-Port
415
ns
F(MAX) Maximum switching frequency
400
kHz
VOLTAGE LEVEL SHIFTER – CEC LINES (x_A AND x_B PORTS) VCCA = 1.5 V
A to B
380
tPHL
Propagation delay
ns
B to A
420
A to B
13.8
µs
tPLH
Propagation delay
B to A
16.6
ns
CEC channel enabled
A Port fall time
A-Port
250
tFALL
ns
B Port fall time
B-Port
170
A Port rise time
A-Port
315
ns
tRISE
B Port rise time
B-Port
28
µs
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD12S016


Similar Part No. - TPD12S016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
More results

Similar Description - TPD12S016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com