Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S016RKTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S016RKTR
Description  HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016RKTR Datasheet(HTML) 1 Page - Texas Instruments

  TPD12S016RKTR Datasheet HTML 1Page - Texas Instruments TPD12S016RKTR Datasheet HTML 2Page - Texas Instruments TPD12S016RKTR Datasheet HTML 3Page - Texas Instruments TPD12S016RKTR Datasheet HTML 4Page - Texas Instruments TPD12S016RKTR Datasheet HTML 5Page - Texas Instruments TPD12S016RKTR Datasheet HTML 6Page - Texas Instruments TPD12S016RKTR Datasheet HTML 7Page - Texas Instruments TPD12S016RKTR Datasheet HTML 8Page - Texas Instruments TPD12S016RKTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
HOT PLUG 1
UTILITY 2
TMDS_D2+ 3
GND 4
TMDS_D2- 5
TMDSD1+ 6
GND 7
TMDSD1- 8
TMDS_D0+ 9
GND 10
TMDS_D0 - 11
TMDS_CLK+ 12
GND 13
TMDS_CLK - 14
CEC 15
GND 16
SCL 17
SDA 18
P5V 19
GND 20
HPD_B
HPD_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
CEC_B
SCL_B
SDA_B
5V_OUT
CEC_A
SCL_A
SDA_A
VCC5V
LS_OE
CT_HPD
VCCA
TPD12S016
HDMI Controller
0.1 F
m
1.2 V to 3.3 V
0.1 F
m
0.1 F
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPD12S016
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
TPD12S016 HDMI Companion Chip with I2C Level Shifting Buffer,
12-Channel ESD Protection, and Current-Limit Load Switch
1 Features
3 Description
The TPD12S016 is a single-chip High Definition
1
Conforms to HDMI Compliance Tests without any
Multimedia
Interface
(HDMI)
device
with
auto-
External Components
direction sensing I2C voltage level shift buffers, a load
IEC 61000-4-2 ESD Protection
switch, and integrated low capacitance high-speed
±8-kV Contact Discharge
electrostatic
discharge
(ESD)
transient
voltage
suppression
(TVS)
protection
diodes.
A
55-mA
Supports HDMI 1.4 Data Rate
current limited 5-V output (5V_OUT) sources the
Matches Class D and Class C Pin Mapping
HDMI power line. The control of 5V_OUT and the hot
8-Channel ESD Protection for Four Differential
plug detect (HPD) circuitry is independent of the
Pairs With Ultra-Low Differential Capacitance
LS_OE control signal, and is controlled by the
CT_HPD pin, which enables the detection scheme
Matching (0.05 pF)
(5V_OUT and HPD) to be active before enabling the
On-Chip Load Switch With 55-mA Current Limit at
HDMI link. The SDA, SCL, and CEC lines pull up to
the HDMI 5V_OUT Pin
VCCA on the A side. On the B side, the CEC_B pin
Auto-direction Sensing I2C Level Shifter with One-
pulls up to an internal 3.3-V supply rail, SCL_B and
shot Circuit to Drive a Long HDMI Cable (750-pF
SDA_B each pull up to the 5-V rail (5V_OUT). The
Load)
SCL and SDA pins meet the I2C specification and
drive up to 750 pF capacitive loads, exceeding the
Back-drive Protection on HDMI Connector Side
HDMI 1.4 specifications. The HPD_B port has a glitch
Ports
filter to avoid false detection due to plug bouncing
Integrated Pullup and Pulldown Resistors per
during the HDMI connector insertion. TPD12S016
HDMI Specification
offers reverse current blocking at the 5V_OUT pin.
Space Saving 24-Pin RKT Package and 24-
SCL_B, SDA_B, CEC_B pins also feature reverse-
current blocking when the system is powered off.
TSSOP Package
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Cell Phones
QFN (24)
4.00 mm × 2.00 mm
eBook
TPD12S016
TSSOP (24)
7.80 mm × 6.40 mm
Portable Media Players
(1) For all available packages, see the orderable addendum at
Set-top Box
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD12S016RKTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
More results

Similar Description - TPD12S016RKTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com