Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP-150 Datasheet(PDF) 2 Page - Total Power International

Part # TP-150
Description  150W Triple Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TP-150 Datasheet(HTML) 2 Page - Total Power International

  TP-150 Datasheet HTML 1Page - Total Power International TP-150 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
2
1
4
5
7
6
8
9
LED
+V ADJ.1
+V ADJ.2
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900(US)
PH# (978)453-7272
www.total-power.com
CaseNo.916BUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
100
115
135
155
264
230
20
40
60
80
100
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCH-
FILTER
&
RECTIFIERS
V2
I/P
FG
ING
CONTROL
O.V.P.
&
PFC
DETECTIONCIRCUT
RECTIFIERS
FILTER
&
REGULATOR
V3
&
FILTER
RECTIFIERS
COM
+5V
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
3
4
2
5
6,7
8,9
Assignment
Assignment
AC/L
DCOUTPUT V2
DCOUTPUT V1
DCOUTPUT COM
AC/N
FG
DCOUTPUT V3
FAN
Airflow
direction
48.5
2-M4
142
25
133
65
117
199
35
70
20
25
15
6-M4L=6mm
5-M3L=6mm
9max.
90
100
80
70
60
50
40
150W TripleOutputwithPFCFunction
T P - 1 5 0 series


Similar Part No. - TP-150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-150 ASTRODYNE-TP-150 Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150 RSG-TP-150 Datasheet
128Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
294Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-150A ASTRODYNE-TP-150A Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
More results

Similar Description - TP-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-150 ASTRODYNE-TP-150 Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150 RSG-TP-150 Datasheet
128Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP150DRL ASTRODYNE-TP150DRL Datasheet
397Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150_10 Datasheet
294Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP150 ASTRODYNE-TP150 Datasheet
305Kb / 4P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com