Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V463-TM Datasheet(PDF) 2 Page - NEC

Part # V463-TM
Description  NEC LCD 46 Large Format Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V463-TM Datasheet(HTML) 2 Page - NEC

  V463-TM Datasheet HTML 1Page - NEC V463-TM Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC MultiSync® V463-TM (MultiTouch)
1. AC IN connector
2. Main Power Switch
3. DISPLAYPORT connector
4. HDMI connector
5. DVI connector (DVI-D)
6. VGA IN (mini D-Sub 15 pin)
7. VIDEO1 IN connector (BNC)
8. LAN port (RJ-45)
9. RS-232C (D-Sub 9 pin)
10. REMOTE IN (Black)
11. AUDIO OUT (Blue)
12. AUDIO IN 1 (Blue)
13. EXTERNAL SPEAKER TERMINAL
14. Internal/External speaker switch
SPECIAL CHARACTERISTICS
Advanced fan control, Automatic Alarm E-Mails, Copy display
settings through RS232, DICOM support, FREE DisplayNote
Presenter, Hardware colour calibration possible, Input name
adjustment, Matrix memory, OSD rotation for portrait mode, PIN
as theft protection, Scheduler, Screen saver functions, TileMatrix
(10 x 10), User controllable back-up fans with 2 speeds, User input
priority definition, Various picture in picture options
Energy Efficiency
Ambient light sensor; Carbon savings
meter; ECOMode
Ecological Materials
Optional feet; Manuals on CD
Technical Specification NEC MultiSync® V463-TM (MultiTouch)
DISPLAY
Panel Technology
AMVA3 with Edge LED backlights
Active Screen Area (W x H) [mm]
1,018 x 573
Screen Size [inch/cm]
46 / 117
Aspect Ratio
16:9
Brightness (shipping) [cd/m2]
330, (480 max)
Contrast Ratio (typ.)
4000:1
Viewing Angle [°]
87 horizontal / 87 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
6.5 (grey-to-grey)
Panel Refresh Rate [Hz]
60
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1 (analog and digital)
Vertical Frequency [Hz]
25.2 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on digital and analogue inputs (PC)
1920 x 1080; 1680 x 1050; 1600 x 1200; 1400 x 1050; 1366 x 786; 1280 x 1024;
1280 x 960; 1280 x 800; 1280 x 768; 1280 x 720; 1024 x 768; 800 x 600; 720 x
576; 720 x 400; 640 x 480
Supported on digital inputs (Video)
1920 x 1080i (59.94/60)16:9; 1920 x 1080p (59.94/60)16:9; 1920 x 1080p (50)
16:9; 1920 x 1080p (23.97/24)16:9; 1920 x 1080p (25)16:9; 1920 x 1080p
(29.97/30)16:9; 1280 x 720p (50)16:9; 720 x 576p (50)16:9; 720 x 480p
(59.94/60)16:9
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin; Composite (BNC)
Input Video Digital
1 x DVI-D (with HDCP); 1 x HDMI 1.3 (with HDCP); 1 x DisplayPort (with HDCP)
Input Audio Analogue
1 x 3,5 mm jack
Input Audio Digital
DisplayPort; 1 x HDMI
Input Control
LAN 100Mbit; remote control wire (3,5mm jack); RS232
Output Video Digital
1 x DVI-D (with HDCP)
Output Audio Analogue
3,5mm jack
Output Control
RS232
Remote Control
LAN; RS-232C (9-pin D-sub) Input and Output; Remote Control IR (internal/
external (optional) sensor)
OPS OPTION SLOT
Slot Technology
Open pluggable specification (NEC / Intel OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/4
ELECTRICAL
Power Consumption on Mode [W]
85 shipping; 210 (max.)
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +35
Operating Humidity [%]
20 to 80
Storage Humidity [%]
10 to 90
Storage Temperature [°C]
-20 to +60
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 1,095 x 650 x 80.3
Weight [kg]
Without stand: 27.7
Bezel Width [mm]
32.8 (left and right); 32.8 (top and bottom)
VESA Mounting [mm]
300 x 300 (FDMI); 4 holes; M6
AVAILABLE OPTIONS
Accessories
Feet (ST-322); Speaker (SP-RM1);
Wall mounts (MSMU, MTMU, MTAPU)
Option Slot
HD-SDI 1.5 and 3G; Intel Core i5 and i7; Slot-in PC (Core i5/7 with WS7P
recommended)
ADDITIONAL FEATURES
Colour Versions
Black Front Bezel, Black Back Cabinet
Safety and Ergonomics
C-tick; CE; FCC Class B; PSB; TÜV GS; UL/C-UL or CSA; VCCI; RoHS
Plug and Play
VESA DDC2Bi
Audio
Integrated Speakers (10 W + 10 W); Optional Speakers (15 W + 15 W)
Shipping Content
USB cable; Display; DVI-D cable; Power Cable; Free LAN control software
(download); Remote Control
Warranty
3 year conditional warranty incl. backlight
TOUCH
Touch technology
Optical Camera with 4 Cameras
Protection Glass
4 mm, double sided anti-reflection, fully tempered
Input Method
Finger; Stylus; Gloves
Light Transmission [%]
96
Reflection Rate [%]
2
Driver
1 touch point: Windows XP, Linux; 4 touch points: Windows Vista;
5 touch points (incl. gesture control): Windows 7, Windows 8
Communication Protocol
USB-HID; RS323
Document Name:
Document Revision:
Document Date:
NEC MultiSync® V463-TM
Version 1
April 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au
email contactus@nec.com.au
or call 131 632


Similar Part No. - V463-TM

ManufacturerPart #DatasheetDescription
logo
NEC
V463 NEC-V463 Datasheet
691Kb / 2P
   NEC LCD 46 Large Format Display
More results

Similar Description - V463-TM

ManufacturerPart #DatasheetDescription
logo
NEC
X462S NEC-X462S Datasheet
940Kb / 2P
   NEC LCD 46 Large Format Display
V463 NEC-V463 Datasheet
691Kb / 2P
   NEC LCD 46 Large Format Display
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
   NEC LCD 46 Large Format Display
X464UN NEC-X464UN Datasheet
786Kb / 2P
   NEC LCD 46 Large Format Display
P463 NEC-P463 Datasheet
817Kb / 2P
   NEC LCD 46 Large Format Display
X464UNS NEC-X464UNS Datasheet
908Kb / 2P
   NEC LCD 46 Specialty Large Format Display
P463-MT NEC-P463-MT Datasheet
636Kb / 2P
   NEC LCD 46" Large Format Touch Screen
P703 NEC-P703 Datasheet
818Kb / 2P
   NEC LCD 70 Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
   NEC LCD 40 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
   NEC LCD 80 Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com