Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744765143A Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744765143A
Description  WE-KI SMD Wire Wound Ceramic Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744765143A Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744765143A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744765143A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744765143A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744765143A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744765143A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.2
2.1
2.0
1.0
REV
2016-06-20
2015-07-15
2014-04-09
2004-10-11
DATE
KaS
SSt
SSt
AWe
BY
HBH
HBH
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-KI SMD Wire Wound Ceramic Inductor
Order.- No.
744765143A
SIZE
A4
Size: 0402A
A Dimensions: [mm]
B Recommended land pattern: [mm]
D Electrical Properties:
Properties
Inductance
Q-factor
Q-factor
DC Resistance
Rated current
Self resonant frequency
Test conditions
250 MHz
250 MHz
900 MHz
@ 20°C
∆T = 15 K
L
Q
Q
RDC
IR
fres
Value
43
25
46
0.810
100
2030
Unit
nH
Ω
mA
MHz
Tol.
±5%
min.
typ.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +110°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -10°C to +40°C; 30 to 70% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744765143A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744765143GA WURTH-744765143GA Datasheet
484Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
More results

Similar Description - 744765143A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744761039C ETC2-744761039C Datasheet
947Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
logo
Wurth Elektronik GmbH &...
7447604C WURTH-7447604C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761016C WURTH-744761016C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761111C WURTH-744761111C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765043A WURTH-744765043A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765062A WURTH-744765062A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765087A WURTH-744765087A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765130A WURTH-744765130A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744760222C WURTH-744760222C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744762068A WURTH-744762068A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761124C WURTH-744761124C Datasheet
278Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com