Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRK2001A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SRK2001A
Description  Auto-compensation of parasitic inductance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SRK2001A Datasheet HTML 6Page - STMicroelectronics SRK2001A Datasheet HTML 7Page - STMicroelectronics SRK2001A Datasheet HTML 8Page - STMicroelectronics SRK2001A Datasheet HTML 9Page - STMicroelectronics SRK2001A Datasheet HTML 10Page - STMicroelectronics SRK2001A Datasheet HTML 11Page - STMicroelectronics SRK2001A Datasheet HTML 12Page - STMicroelectronics SRK2001A Datasheet HTML 13Page - STMicroelectronics SRK2001A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Operation description
SRK2001A
10/20
DocID029495 Rev 1
7.2
Turn-on
The turn-on logic is such that each SR MOSFET is switched on when the sensed drain-
source voltage goes below the VTH_ON threshold: to avoid false triggering of the gate driver,
an adaptive masking delay TD_On is introduced. This delay assumes a minimum value at the
high load (TD_On.min) and increases with decreasing load levels (up to TD_On.max equal to
10% of the clock cycle).
Figure 5. Typical waveforms
The aim of TD_On is to avoid a premature turn-on at lower load conditions, triggered by
capacitive currents (due to secondary side parasitic capacitance and not really related to the
current flowing through the MOSFET body diode. Figure 6 shows the effect of this parasitic:
in case at the reduced load a capacitive current spike should trigger the turn-on, there would
be a current inversion (flowing from the output capacitor toward the SR MOSFET). This
current inversion would cause a discharge of the output capacitor and consequently an
increase of the rectified current rms value, in order to balance that dis-charge; this, in turn,
would affect a bit the converter efficiency.
In case of SR MOSFETs with low parasitic capacitance, capacitive currents lasting less than
10% of the clock cycle are filtered: the gate drive of course will go high when the current
really flows through the body diode (i.e. the comparator sensing DVS1,2 signal and
referenced to the VTH_ON threshold is triggered). In case of SR MOSFETs with higher
parasitic capacitance, capacitive currents lasting more than 10% of the clock cycle cannot
be filtered by the turn-on delay and premature turn-on will be present.


Similar Part No. - SRK2001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
   Adaptive synchronous rectification controller for LLC resonant converter
More results

Similar Description - SRK2001A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
List of Unclassifed Man...
CMFB39Z103JNT ETC2-CMFB39Z103JNT Datasheet
664Kb / 4P
   Temperature compensation of IC, LCD
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
69Kb / 4P
   Empty Flag Parasitic Pulse
M672061H ATMEL-M672061H_14 Datasheet
69Kb / 4P
   Empty Flag Parasitic Pulse
M67204F ATMEL-M67204F_14 Datasheet
77Kb / 5P
   Empty Flag Parasitic Pulse
logo
Xicor Inc.
ZL8101 XICOR-ZL8101 Datasheet
928Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com