Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QVP6014 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # QVP6014
Description  10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

QVP6014 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  QVP6014 Datasheet HTML 1Page - Bothhand USA, LP. QVP6014 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100/1000/2.5G BASE–T
MAGNETICS MODULES
P/N: QVP6014 DATA SHEET
Page : 1/2
A02(17/04)
Feature
Design for 2.5G ethernet application.
Complying with IEEE 802.3at standard.
POE applications with 600mA current capability.
Complying with ROHS & Halogen Free requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
OCL (uH Min)
@100KHz/0.1V
Cross talk
(dB Min)
HI-POT
(Vrms)
TX
RX
1≦f ≦
200 MHz
QVP6014
1CT:1CT
1CT:1CT
180
-(43.1 – 20 log10f 100
1500
Continue
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min)@Load 100Ω
DCMR
(dB Min)
1≦f ≦
100 MHz
100 <f ≦
200 MHz
1≦f ≦
40 MHz
40
 f ≦200 MHz
1
 f ≦30 MHz
30
 f ≦ MHz
QVP6014
-1.0
-2.0
-16
- (16-10 log10(f /40))
-48
-(44-19.2 log10(f /50))
Schematic
www.bothhand
usa .com
BOTHHAND
USA


Similar Part No. - QVP6014

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
QVP6115 BOTHHAND-QVP6115 Datasheet
184Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
More results

Similar Description - QVP6014

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
QGS6115 BOTHHAND-QGS6115 Datasheet
156Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
Q1P2014 BOTHHAND-Q1P2014 Datasheet
170Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
Q1P6014 BOTHHAND-Q1P6014 Datasheet
172Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
QGU4629 BOTHHAND-QGU4629 Datasheet
212Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
QGU6115 BOTHHAND-QGU6115 Datasheet
213Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
QVP6115 BOTHHAND-QVP6115 Datasheet
184Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
QGU4229 BOTHHAND-QGU4229 Datasheet
215Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
QVP2014 BOTHHAND-QVP2014 Datasheet
160Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
Q2P2014 BOTHHAND-Q2P2014 Datasheet
181Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
Q2P6014 BOTHHAND-Q2P6014 Datasheet
190Kb / 2P
   10/100/1000/2.5G BASE?밫 MAGNETICS MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com