Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS847HF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS847HF
Description  INSULATION TRANSFORMER FOR 10BASE-T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS847HF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS847HF Datasheet HTML 1Page - Bothhand USA, LP. TS847HF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INSULATION TRANSFORMER FOR 10BASE-T
P/N: TS847 HF DATA SHEET
Page : 1/2
A02(12/02)
Feature
Meet IEEE 802.3 requirement.
Meet FCC Class B approval.
SMD pick & place available.
Comply with ROHS & Halogen Free requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
OCL
(uH Min)
CW/W
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
HI-POT
(Vrms)
TS847 HF
1:1
200
15
0.3
0.5
1500
Schematic
BOTHHAND
USA
www.bothhandusa.com


Similar Part No. - TS847HF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS847-HF BOTHHAND-TS847-HF Datasheet
184Kb / 2P
   INSULATION TRANSFORMER FOR 10BASE-T
TS847LF BOTHHAND-TS847LF Datasheet
72Kb / 1P
   INSULATION TRANSFORMER FOR 10BASE-T
More results

Similar Description - TS847HF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS847-HF BOTHHAND-TS847-HF Datasheet
184Kb / 2P
   INSULATION TRANSFORMER FOR 10BASE-T
TS849LF BOTHHAND-TS849LF Datasheet
78Kb / 1P
   INSULATION TRANSFORMER FOR 10BASE-T
TS847LF BOTHHAND-TS847LF Datasheet
72Kb / 1P
   INSULATION TRANSFORMER FOR 10BASE-T
TS649 BOTHHAND-TS649 Datasheet
29Kb / 1P
   ISOLATION TRANSFORMER FOR 10BASE-T
logo
Pulse A Technitrol Comp...
100B-1005 PULSE-100B-1005 Datasheet
437Kb / 1P
   ISOLATION TRANSFORMER FOR 10BASE-T
logo
Bothhand USA, LP.
TS6489 BOTHHAND-TS6489 Datasheet
65Kb / 1P
   ISOLATION TRANSFORMER FOR 10BASE-T
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
T-14068 RHOMBUS-IND-T-14068 Datasheet
31Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-14071 RHOMBUS-IND-T-14071 Datasheet
27Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-13038 RHOMBUS-IND-T-13038 Datasheet
40Kb / 1P
   10BASE T ISOLATION TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com