Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC200A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1.5SMC200A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5SMC200A Datasheet(HTML) 1 Page - Vishay Siliconix

  1.5SMC200A Datasheet HTML 1Page - Vishay Siliconix 1.5SMC200A Datasheet HTML 2Page - Vishay Siliconix 1.5SMC200A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount TRANSZORB®
Transient Voltage Suppressors
V(BR) Unidirectional
6.8 to 540V
V(BR) Bidirectional
6.8 to 220V
Peak Pulse Power 1500W
Devices for Bidirectional Applications
For bi-directional devices, use suffix CA (e.g. 1.5SMC10CA). Electrical characteristics apply in both directions.
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000
µs waveform(1)(2)(Fig. 1)
PPPM
1500
W
Peak pulse current with a 10/1000
µs waveform(1) (Fig. 3)
IPPM
See Next Table
A
Power dissipation on infinite heatsink, TA = 50°CPM(AV)
6.5
W
Peak forward surge current 8.3ms single half sine-wave
IFSM
200
A
uni-directional only(2)
Thermal resistance junction to ambient air(3)
R
θJA
75
°C/W
Thermal resistance junction to leads
R
θJL
15
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +150
°C
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
Features
• Low profile package with built-in strain relief for
surface mounted applications
• Glass passivated junction
• Low incremental surge resistance
• Low inductance
• Excellent clamping capability
• 1500W peak pulse power capability with a 10/1000
µs
waveform, repetition rate (duty cycle): 0.01%
• Very fast response time
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: JEDEC DO-214AB (SMC) molded plastic over
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026. High temperature soldering: 250°C/10
seconds at terminals.
Polarity: For uni-directional types the band denotes the
cathode, which is positive with respect to the anode
under normal TVS operation.
Standard Packaging: 16mm tape (EIA STD RS-481)
Weight: 0.007 oz., 0.21 g
Packaging Codes – Options (Antistatic):
51 – 1K per Bulk box, 10K/carton
57 – 850 per 7" plastic Reel (16mm tape), 8.5K/carton
9A – 3.5K per 13" plastic Reel (16mm tape), 35K/carton
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008
(0.203)
Max.
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.245 (6.22)
0.220 (5.59)
0.126 (3.20)
0.114 (2.90)
0.103 (2.62)
0.079 (2.06)
Cathode Band
Dimensions in inches
and (millimeters)
DO-214AB
(SMC J-Bend)
0.185 MAX.
(4.69 MAX.)
0.121 MIN.
(3.07 MIN.)
0.060 MIN.
(1.52 MIN.)
0.320 REF
Mounting Pad Layout
Extended
Voltage
Range
1.5SMC Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88303
www.vishay.com
31-Jul-03
1


Similar Part No. - 1.5SMC200A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5SMC200A SUNMATE-1.5SMC200A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1.5SMC200A CENTRAL-1.5SMC200A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
1.5SMC200A VISHAY-1.5SMC200A Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
GOOD-ARK Electronics
1.5SMC200A GOOD-ARK-1.5SMC200A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Vishay Siliconix
1.5SMC200A VISHAY-1.5SMC200A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC200A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com