Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-91C Datasheet(PDF) 3 Page - Microsemi Corporation

Part # TGL41-91C
Description  500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TGL41-91C Datasheet(HTML) 3 Page - Microsemi Corporation

  TGL41-91C Datasheet HTML 1Page - Microsemi Corporation TGL41-91C Datasheet HTML 2Page - Microsemi Corporation TGL41-91C Datasheet HTML 3Page - Microsemi Corporation TGL41-91C Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
500 Watt Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
© 2003
01-29-2003 REV A
SCOTTSDALE DIVISION
TGL41-6.8 thru TGL41-200CA
MICROSEMI
PART
NUMBER
BREAKDOWN
VOLTAGE
V(BR)
MIN.
NOM.
MAX.
TEST
CURRENT
I(BR)
RATED
STAND-OFF
VOLTAGE
VWM
MAX
REVERSE
LEAKAGE
CURRENT
ID @ VWM
MAX.
CLAMPING
VOLTAGE
VC @ IPP
MAX.
PEAK
PULSE
CURRENT
IPP
MAX.
TEMP
COEFFICI
ENT
αV(BR)
V
V
V
mA
V
µA
V
A
%/
oC
TGL41-100
TGL41-100A
TGL41-110
TGL41-110A
90
95
99
105
100
100
110
110
110
105
121
116
1
1
1
1
81
85.5
89.2
94
5
5
5
5
144
137
158
152
3.5
3.6
3.2
3.3
.106
.106
.107
.107
TGL41-120
TGL41-120A
TGL41-130
TGL41-130A
108
114
117
124
120
120
130
130
132
126
143
137
1
1
1
1
97.2
102
105
111
5
5
5
5
173
165
187
179
2.9
3.0
2.7
2.8
.107
.107
.107
.107
TGL41-150
TGL41-150A
TGL41-160
TGL41-160A
135
143
144
152
150
150
160
160
165
158
176
168
1
1
1
1
121
128
130
136
5
5
5
5
215
207
230
219
2.3
2.4
2.2
2.3
.108
.108
.108
.108
TGL41-170
TGL41-170A
TGL41-180
TGL41-180A
153
161
162
171
170
170
180
180
187
179
198
189
1
1
1
1
138
145
146
154
5
5
5
5
244
234
258
246
2.0
2.1
1.9
2.0
.108
.108
.108
.108
TGL41-200
TGL41-200A
180
190
200
200
220
210
1
1
162
171
5
5
287
274
1.7
1.8
.108
.108
For Bidirectional construction, indicate a C or CA suffix after part number. Capacitance will be ½ that shown in Fig 3.
Forward Voltage (Vf) @ 40 amps peak 8.3 ms half-sine wave equal to 3.5 volts max (For Unidirectional only).
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Rated Stand-Off voltage
V(BR)
Breakdown Voltage
IPP
Peak Pulse Current
I(BR)
Breakdown Current
PPP
Peak Pulse Power
ID
Standby Current
OUTLINE AND CIRCUIT
0.1
2.0
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
10,000
End Cap Temperature
oC
tw – Microseconds
FIGURE 2
FIGURE 1
Derating Curve
Peak Pulse Power vs. Pulse Width
TC = 25
oC
30
20
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1


Similar Part No. - TGL41-91C

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TGL41-91C TAITRON-TGL41-91C Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
TGL41-91CA TAITRON-TGL41-91CA Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - TGL41-91C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-10CA MICROSEMI-TGL41-10CA Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
SMBJSAC50 MICROSEMI-SMBJSAC50 Datasheet
185Kb / 1P
   500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
HSMBJSAC5.0 MICROSEMI-HSMBJSAC5.0 Datasheet
271Kb / 3P
   500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA TSC-SA_13 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
   500 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SA TSC-SA_10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Comchip Technology
CTAN1424V-G COMCHIP-CTAN1424V-G Datasheet
147Kb / 3P
   300 Watt Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com