Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3227E Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3227E
Description  High-Current Overvoltage Protectors with Adjustable OVLO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3227E Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3227E Datasheet HTML 4Page - Anpec Electronics Coropration APL3227E Datasheet HTML 5Page - Anpec Electronics Coropration APL3227E Datasheet HTML 6Page - Anpec Electronics Coropration APL3227E Datasheet HTML 7Page - Anpec Electronics Coropration APL3227E Datasheet HTML 8Page - Anpec Electronics Coropration APL3227E Datasheet HTML 9Page - Anpec Electronics Coropration APL3227E Datasheet HTML 10Page - Anpec Electronics Coropration APL3227E Datasheet HTML 11Page - Anpec Electronics Coropration APL3227E Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2017
www.anpec.com.tw
8
APL3227E
P IN
WLCS P1.82x 1.22
NAME
Function
A1
EN
E nabl e Pin. The d evice en te rs in shutdown mod e whe n thi s pin is tied to a high
l eve l. In th is case the o utp ut is disco nnected from the in put. To allow normal
fun ction ality, th e E N pin sha ll b e con nected to G ND to a pu ll down or to a I/O p in.
Thi s pin do es n ot ha ve an impa ct on th e fau lt detection.
B1
ACOK
O pen- Dra in Flag Ou tpu t. ACOK is driven low after in put vol tag e is stabl e
b etwee n minimum VIN an d V OVL O after de bounce . Conne ct a pullup
resistor
from A COK to the lo gic I/O voltage of th e host system. ACOK is h igh imped ance
a fter thermal shutdown.
C1
O VLO
E xtern al OVL O Ad justmen t. Co nnect O VLO to GND when u si ng th e in te rnal
thre sh old. Co nnect a re sistor-d ivid er to O VLO to se t a diffe rent O VLO thre sh old;
this exte rnal resistor-divide r is completely inde pend ent o f the internal thresh old.
A2 ,A 3,B 2
O UT
O utput Vol tag e. Ou tp ut of inte rnal swi tch. Co nnect O UT pins to gether for prope r
o peratio n.
B 3,C2 ,C3
IN
Vol tag e Inp ut. Connect IN with a 1uF ceramic cap acito r as close a s possibl e to th e
d evice . Conn ect IN pins to gether for prope r opera tio n.
A4,B4,C4
GND
G roun d. Conn ect GND pins tog ether fo r p rope r o peratio n
Pin Description
Block Diagram
IN
OUT
EN
GND
OVLO
AOCK
SEL
VBG
REFERENCE
POR
Charge
Pump
Gate Driver and
Control Logic
OTP


Similar Part No. - APL3227E

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222HAI-TRG ANPEC-APL3222HAI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222QFI-TRG ANPEC-APL3222QFI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3225QAI-TRG ANPEC-APL3225QAI-TRG Datasheet
236Kb / 15P
   Li Charger Protection IC
More results

Similar Description - APL3227E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
logo
Bourns Electronic Solut...
TISP4XXXH4BJ BOURNS-TISP4XXXH4BJ Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com