Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0458302211 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0458302211
Description  1.20mm by 2.00mm Pitch HD Mezz Plug, 143 Circuits, 10.00mm Unmated Height
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0458302211 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0458302211_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0458302211_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0458302211
Status:
Active
Overview:
HD Mezz Mezzanine Connector System
Description:
1.20mm by 2.00mm Pitch HD Mezz™ Plug, 143 Circuits, 10.00mm Unmated Height, 11
Rows, Tin (Sn) Plating
Documents:
3D Model
Product Specification TS-45830-9003-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-45802-001-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
45830
Application
Board-to-Board, Signal
Comments
1.20mm Pitch Pin-to-Pin and 2.00mm Pitch Row-to-Row
Overview
HD Mezz Mezzanine Connector System
Product Name
HD Mezz™
UPC
822350629720
Physical
Breakaway
No
Circuits (Loaded)
143
Circuits (maximum)
143
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
9.466/g
Number of Rows
11
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface
1.20mm
Pitch - Termination Interface
1.20mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Vacuum Pick-Up Clip
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45830 Series
Mates With
45802 HD Mezz™ Receptacle


Similar Part No. - 0458302211_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458302211 MOLEX6-0458302211 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug, 143 Circuits, 10.00mm(.394") Unmated Height, 11 Rows, Tin (Sn) Plating
More results

Similar Description - 0458302211_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458302011 MOLEX6-0458302011 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 143 Circuits, 10.00mm (.394") Unmated Height
0458302225 MOLEX1-0458302225_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 325 Circuits, 10.00mm Unmated Height
0458302223 MOLEX1-0458302223_17 Datasheet
42Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 10.00mm Unmated Height
0458302223 MOLEX6-0458302223 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 299 Circuits, 10.00mm (.394") Unmated Height
0458302225 MOLEX6-0458302225 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 325 Circuits, 10.00mm (.394") Unmated
0458301223 MOLEX1-0458301223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 18.00mm Unmated Height, 23 1.20mm by 2.00mm Pitch HD Mezz??Plug, 299 Circuits, 18.00mm Unmated Height, 23
0458302211 MOLEX6-0458302211 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug, 143 Circuits, 10.00mm(.394") Unmated Height, 11 Rows, Tin (Sn) Plating
0458301211 MOLEX1-0458301211_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 143 Circuits, 18.00mm Unmated Height, 11Rows, Tin (Sn) Plating
0458300223 MOLEX1-0458300223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 8.00mm Unmated Height
0458301111 MOLEX6-0458301111 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 143 Circuits, 18.00mm (.709") Unmated Height, 11 Rows
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com