Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

79600A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Part No. 79600A
Description  Three-Terminal Low Current Negative Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

79600A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
79L00AC Series
Ph./Fax: +7–816–2231736
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
© August 2001 Rev 1
6
PACKAGE DIMENSIONS of 79L00ACZ in mm
1.6
5.2
0.5 max
4.2
2 max
14.5
+0.1
-0.2
-1.0
-1.5
-0.5
PLASTIC CASE KT-26
PACKAGE DIMENSIONS of 79L00ACF in mm
Â
4,5±0,1
1,8±0,05
1,5
3,0
1,5±0,1
0,4
0,45±0,05
0,4±0,05
1
2
3
B
PLASTIC CASE KT-47


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn