Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

79600A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

Part No. 79600A
Description  Three-Terminal Low Current Negative Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

79600A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
PLANETA
The Linear IC's
Three-Terminal Low Current
Negative Voltage Regulators
DESCRIPTION
The 79L00A Series of three terminal negative voltage regulators is
available with several fixed output voltages making them useful in a wide
range of applications. These regulators are inexpensive, vise-to-use devices
suitable for a multitude of applications that require a regulated supply of up
to 100 mA. These regulators feature internal current limiting and thermal
shutdown making them remarkably rugged. No external components are
required with the 79L00A devices in many applications.
These devices offer a substantial performance advantage over the
traditional zener diode-resistor combination, as output impedance and
quiescent current are substantionally reduced.
The voltages available allow the 79L00A to be used in logic systems,
instrumentation, HiFi, and other solid state electronic equipment.
The 79L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini
power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D)
offers superior quality and performance at low cost.
FEATURES
Ø
High Output Current
I
O= 100 mA
Ø
Fixed Output Voltage
V
O= -5 V, -6 V, -8 V, -12 V, -15 V
Ø
Complementary Positive Regulators 78L00A Series
Ø
Available in either ±5% (AC) Selection
DEVICE TYPE / NOMINAL VOLTAGE
Package
5% Output Voltage
Accuracy
Voltage
Z Suffix
F Suffix
D Suffix
79L05AC
-5
79L05ACZ
79L05ACF
79L05ACD
79L06AC
-6
79L06ACZ
79L06ACF
79L06ACD
79L08AC
-8
79L08ACZ
79L08ACF
79L08ACD
79L09AC
-9
79L09ACZ
79L09ACF
79L09ACD
79L12AC
-12
79L12ACZ
79L12ACF
79L12ACD
79L15AC
-15
79L15ACZ
79L15ACF
79L15ACD
79L00A Series
SOT54
JEDEC
TO-92
EIAJ
SC-43
GOST
KT-26
Weight:
0.3g
1 – Common
2 – Input
3 – Output
3
2
1
SOT89
JEDEC
TO-243
EIAJ
SC-62
GOST
KT-47
Weight:
0.055g
1
2
3
1 – Common
2 – Input
3 – Output
2
SOT96-1
JEDEC
MS-012
EIAJ
GOST
4303.8-1
Weight:
0.08 ã
1
4
5
1 – Output, 2 – Input,
3 – Input, 4 – No Connect,
5 – Common, 6 – Input,
7 – Input, 8 – No Connect


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn