Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRD4502C Datasheet(PDF) 1 Page - Silicon Laboratories

Part # BRD4502C
Description  Backup Power Domain Capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BRD4502C Datasheet(HTML) 1 Page - Silicon Laboratories

  BRD4502C Datasheet HTML 1Page - Silicon Laboratories BRD4502C Datasheet HTML 2Page - Silicon Laboratories BRD4502C Datasheet HTML 3Page - Silicon Laboratories BRD4502C Datasheet HTML 4Page - Silicon Laboratories BRD4502C Datasheet HTML 5Page - Silicon Laboratories BRD4502C Datasheet HTML 6Page - Silicon Laboratories BRD4502C Datasheet HTML 7Page - Silicon Laboratories BRD4502C Datasheet HTML 8Page - Silicon Laboratories BRD4502C Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Reference Manual
BRD4502C (Rev. A00)
The EZR32WG family of Wireless MCUs deliver a high performance, low energy wireless solution in-
tegrated into a small form factor package. By combining a high performance sub-GHz RF transceiver
with an energy efficient 32-bit MCU, the family provides designers the ultimate in flexibility with a fam-
ily of pin-compatible devices that scale from 64/128/256 kB of flash and support Silicon Labs EZRadio
or EZRadioPRO transceivers. The ultra-low power operating modes and fast wake-up times of the
Silicon Labs energy friendly 32-bit MCUs, combined with the low transmit and receive power con-
sumption of the sub-GHz radio, result in a solution optimized for battery powered applications.
To develop and/or evaluate the EZR32 Wonder Gecko the EZR32WG Radio Board can
be connected to the Wireless Starter Kit Mainboard to get access to display, buttons and
additional features from Expansion Boards.
RADIO BOARD FEATURES
• Wireless MCU: EZR32WG330F256R60G
• CPU core: ARM Cortex-M4
• Flash memory: 256 kB
• RAM: 32 kB
• Sub-GHz transceiver integrated in the
Wireless MCU: EZRadioPRO
• Operation frequency: 868 MHz
• Transmit power: 13 dBm
• Single antenna connector both for transmit
and receive
• Crystals for LFXO and HFXO: 32.768kHz
and 48 MHz.
• Crystal for RF: 26 MHz
• Backup Power Domain Capacitor
• Full speed USB 2.0 (12 Mbps)
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.10


Similar Part No. - BRD4502C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BRD4502A SILABS-BRD4502A Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4502B SILABS-BRD4502B Datasheet
1Mb / 16P
   Single antenna connector both for transmit and receive
BRD4502D SILABS-BRD4502D Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
More results

Similar Description - BRD4502C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BRD4505B SILABS-BRD4505B Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4503A SILABS-BRD4503A Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4502A SILABS-BRD4502A Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4504B SILABS-BRD4504B Datasheet
1Mb / 13P
   Backup Power Domain Capacitor
BRD4502D SILABS-BRD4502D Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4503B SILABS-BRD4503B Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
logo
Maxim Integrated Produc...
MAX11192EVKIT MAXIM-MAX11192EVKIT Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11156EVSYS MAXIM-MAX11156EVSYS Datasheet
994Kb / 17P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
logo
TEKTRONIX, INC.
MDO3000 TEKTRONIX-MDO3000 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
logo
Shenzhen Huazhimei Semi...
HM5813 HMSEMI-HM5813 Datasheet
1Mb / 9P
   Bluetooth headset backup power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com