Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRD4503B Datasheet(PDF) 6 Page - Silicon Laboratories

Part # BRD4503B
Description  Backup Power Domain Capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BRD4503B Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button BRD4503B Datasheet HTML 2Page - Silicon Laboratories BRD4503B Datasheet HTML 3Page - Silicon Laboratories BRD4503B Datasheet HTML 4Page - Silicon Laboratories BRD4503B Datasheet HTML 5Page - Silicon Laboratories BRD4503B Datasheet HTML 6Page - Silicon Laboratories BRD4503B Datasheet HTML 7Page - Silicon Laboratories BRD4503B Datasheet HTML 8Page - Silicon Laboratories BRD4503B Datasheet HTML 9Page - Silicon Laboratories BRD4503B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3. EZR32WG Radio Board block description
The block diagram of the EZR32WG Radio Board is shown in the figure below.
Board
Identification
Power
Domain
Backup
Capacitor
LF Crystal
(32.768 kHz)
RF Crystal
(30 MHz)
(48 MHz)
HF Crystal
USB_VBUS
USB_VREGI
USB_VREGO
VMCU
VRF
PA
PB
PC
PD
PE
PF
XIN/XOUT
TX_20
RXN/RXP
Matching
Network
SMA
Connector
MCU
I/O
Ports
USB_D+/D-
USB_VBUS (5 V)
USB Micro-B
Connector
USB Regulator Output (3.3 V)
to WSTK Motherboard
Power Supply (3.3 V)
from WSTK Motherboard
EZRWG330
MCU
RADIO
GPIO2/3
RF Switch Control
Switched RF
Figure 3.1. EZR32WG Radio Board block diagram
3.1 USB
The EZR32WG Radio Board incorporates a micro USB connector (P/N: ZX62-B-5PA(11)). The 3.3V USB regulator output is are routed
back to the WSTK through the Radio Board Connector so the Radio Board can supply power to the Wireless Starter Kit Mainboard.
For additional information on EZR32WG USB, refer to the EZR32WG330 Data Sheet.
3.2 RF Crystal Oscillator
The BRD4503B (Rev. A00) Radio Board has a 30 MHz crystal mounted (P/N: NX2016SA 30 MHz EXS00A-CS06568). For more details
on crystal or TCXO selection for the RF part of the EZR32 devices refer to "AN785: Crystal Selection Guide for the Si4x6x RF ICs".
3.3 LF Crystal Oscillator (LFXO)
The BRD4503B (Rev. A00) Radio Board has a 32.768kHz crystal mounted (P/N: MS3V-T1R, 32768Hz, 12.5pF, +/- 20ppm). For safe
startup two 22 pF capacitors are also connected to the LFXTAL_N and LFXTAL_H pins. For details regarding the crystal configuration,
the reader is referred to Application Note "AN0016: EFM32 Oscillator Design Consideration".
3.4 HF Crystal Oscillator (HFXO)
The BRD4503B (Rev. A00) Radio Board has a 48 MHz crystal mounted (P/N: ABM11-48.000MHZ-D2X-T3). For safe startup two 10 pF
capacitors are also connected to the HFXTAL_N and HFXTAL_H pins. For details regarding the crystal configuration, the reader is re-
ferred to Application Note "AN0016: EFM32 Oscillator Design Consideration".
3.5 Backup Power Domain Capacitor
The BRD4503B (Rev. A00) Radio Board has a 30 mF super capacitor mounted (P/N: PAS311HR-VA6R), connected to the PD8 port of
the EZR32WG.
For details regarding the Backup Power Domain, the reader is referred to the EZR32WG330 Data Sheet.
BRD4503B (Rev. A00)
EZR32WG Radio Board block description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.10 | 4


Similar Part No. - BRD4503B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BRD4503A SILABS-BRD4503A Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
More results

Similar Description - BRD4503B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BRD4505B SILABS-BRD4505B Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4503A SILABS-BRD4503A Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4502A SILABS-BRD4502A Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4502C SILABS-BRD4502C Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
BRD4504B SILABS-BRD4504B Datasheet
1Mb / 13P
   Backup Power Domain Capacitor
BRD4502D SILABS-BRD4502D Datasheet
1Mb / 16P
   Backup Power Domain Capacitor
logo
Maxim Integrated Produc...
MAX11192EVKIT MAXIM-MAX11192EVKIT Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11156EVSYS MAXIM-MAX11156EVSYS Datasheet
994Kb / 17P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
logo
TEKTRONIX, INC.
MDO3000 TEKTRONIX-MDO3000 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
logo
Shenzhen Huazhimei Semi...
HM5813 HMSEMI-HM5813 Datasheet
1Mb / 9P
   Bluetooth headset backup power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com