Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1833ACST Datasheet(PDF) 7 Page - Analog Devices

Part # AD1833ACST
Description  24-Bit, 192 kHz, DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833ACST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1833ACST Datasheet HTML 3Page - Analog Devices AD1833ACST Datasheet HTML 4Page - Analog Devices AD1833ACST Datasheet HTML 5Page - Analog Devices AD1833ACST Datasheet HTML 6Page - Analog Devices AD1833ACST Datasheet HTML 7Page - Analog Devices AD1833ACST Datasheet HTML 8Page - Analog Devices AD1833ACST Datasheet HTML 9Page - Analog Devices AD1833ACST Datasheet HTML 10Page - Analog Devices AD1833ACST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD1833A
–7–
DEFINITION OF TERMS
Dynamic Range
The ratio of a full-scale input signal to the integrated input noise in
the pass band (20 Hz to 20 kHz), expressed in decibels. Dynamic
range is measured with a –60 dB input signal and is equal to
(S/[THD + N]) +60 dB. Note that spurious harmonics are below
the noise with a –60 dB input, so the noise level establishes the
dynamic range. The dynamic range is specified with and without
an A-Weight filter applied.
Signal to (Total Harmonic Distortion + Noise)
[S/(THD + N)]
The ratio of the root-mean-square (rms) value of the fundamental
input signal to the rms sum of all other spectral components in
the pass band, expressed in decibels.
Pass Band
The region of the frequency spectrum unaffected by the attenuation
of the digital decimator’s filter.
Pass-Band Ripple
The peak-to-peak variation in amplitude response from equal-
amplitude input signal frequencies within the pass band, expressed
in decibels.
Stop Band
The region of the frequency spectrum attenuated by the digital
decimator’s filter to the degree specified by stop-band attenuation.
Gain Error
With a near full-scale input, the ratio of actual output to expected
output, expressed as a percentage.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of outputs of the
two stereo channels, expressed in decibels.
Gain Drift
Change in response to a nearly full-scale input with a change in
temperature, expressed as parts-per-million (ppm/
∞C).
Crosstalk (EIAJ Method)
Ratio of response on one channel with a grounded input to a
full-scale 1 kHz sine wave input on the other channel, expressed
in decibels.
Power Supply Rejection
With no analog input, signal present at the output when a
300 mV p-p signal is applied to the power supply pins, expressed
in decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to appear
at the converter’s output, expressed in ms. More precisely, the
derivative of radian phase with respect to the radian frequency at
a given frequency.
Group Delay Variation
The difference in group delays at different input frequencies.
Specified as the difference between the largest and the smallest
group delays in the pass band, expressed in
ms.
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic IN/OUT
Description
40
OUTRP3
O
DAC 3 Right Channel Positive Output.
42
FILTR
Reference/Filter Capacitor Connection. Recommend 0.1
mF/10 mF decouple to
analog ground.
43
FILTD
Filter Capacitor Connection. Recommend 0.1
mF/10 mF decouple to analog ground.
45
OUTLP3
O
DAC 3 Left Channel Positive Output.
46
OUTLN3
O
DAC 3 Left Channel Negative Output.
47
OUTLP2
O
DAC 2 Left Channel Positive Output.
48
OUTLN2
O
DAC 2 Left Channel Negative Output.


Similar Part No. - AD1833ACST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833AST AD-AD1833AST Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
More results

Similar Description - AD1833ACST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com