Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZR32HG320 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EZR32HG320
Description  Consumer electronics
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32HG320 Datasheet(HTML) 4 Page - Silicon Laboratories

  EZR32HG320 Datasheet HTML 1Page - Silicon Laboratories EZR32HG320 Datasheet HTML 2Page - Silicon Laboratories EZR32HG320 Datasheet HTML 3Page - Silicon Laboratories EZR32HG320 Datasheet HTML 4Page - Silicon Laboratories EZR32HG320 Datasheet HTML 5Page - Silicon Laboratories EZR32HG320 Datasheet HTML 6Page - Silicon Laboratories EZR32HG320 Datasheet HTML 7Page - Silicon Laboratories EZR32HG320 Datasheet HTML 8Page - Silicon Laboratories EZR32HG320 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
3. System Overview
3.1 Introduction
The EZR32HG320 Wireless MCUs are the latest in the Silicon Labs family of wireless MCUs delivering a high-performance, low-energy
wireless solution integrated into a small form factor package. By combining a high performance sub-GHz RF transceiver with an energy
efficient 32-bit ARM Cortex-M0+, the EZR32HG family provides designers with the ultimate in flexibility with a family of pin-compatible
parts that scale from 32 to 64 kB of flash and support Silicon Labs EZRadio or EZRadioPRO transceivers. The ultra-low power operat-
ing modes and fast wake-up times combined with the low transmit and receive power consumption of the sub-GHz radio result in a
solution optimized for low power and battery powered applications. For a complete feature set and in-depth information on the modules,
the reader is referred to the EZR32HG Reference Manual.
The EZR32HG320 block diagram is shown below.
Clock Management
Energy Management
Serial Interfaces
I/O Ports
Core and Memory
Timers and Triggers
Transceiver
32-bit bus
Peripheral Reflex System
ARM Cortex™ M0+ processor
Flash
Program
Memory
Pulse
Counter
Watchdog
Timer
RAM
Memory
General
Purpose
I/O
External
Interrupts
Pin
Reset
EZR32HG320 F64/F32
USART
I
2C
Power-on
Reset
Voltage
Regulator
Voltage
Comparator
Brown-out
Detector
Timer/
Counter
Real Time
Counter
Current
DAC
Low
Energy
UART™
SPI
142-1050
MHz
ASK, OOK
G(FSK)
4(G)FSK
SPI
133 dBm
sensitivity
1 Mbps
Antenna
Diversity
TX 18 mA
@ +10 dBm
RX 10 mA
Preamble
Sense 6.0 mA
Pin
Wakeup
Analog Interfaces
ADC
Security
Hardware
AES
DMA
Controller
Debug
Interface
w/ MTB
Low
Energy
USB
Figure 3.1. Block Diagram
3.1.1 ARM Cortex-M0+ Core
The ARM Cortex-M0+ includes a 32-bit RISC processor which can achieve as much as 0.9 Dhrystone MIPS/MHz. A Wake-up Interrupt
Controller handling interrupts triggered while the CPU is asleep is included as well. The EZR32 implementation of the Cortex-M0+ is
described in detail in ARM Cortex-M0+ Devices Generic User Guide.
3.1.2 Debugging Interface (DBG)
These devices include hardware debug support through a 2-pin serial-wire debug interface.
3.1.3 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the EZR32HG microcontroller. The flash memory is readable and
writable from both the Cortex-M0+ and DMA. The flash memory is divided into two blocks: the main block and the information block.
Program code is normally written to the main block. Additionally, the information block is available for special user data and flash lock
bits. There is also a read-only page in the information block containing system and device calibration data. Read and write operations
are supported in the energy modes EM0 and EM1.
EZR32HG320 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3


Similar Part No. - EZR32HG320

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
More results

Similar Description - EZR32HG320

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Siemens Semiconductor G...
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com