Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4X55-C Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4X55-C
Description  Preamble sense mode
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4X55-C Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4X55-C Datasheet HTML 2Page - Silicon Laboratories SI4X55-C Datasheet HTML 3Page - Silicon Laboratories SI4X55-C Datasheet HTML 4Page - Silicon Laboratories SI4X55-C Datasheet HTML 5Page - Silicon Laboratories SI4X55-C Datasheet HTML 6Page - Silicon Laboratories SI4X55-C Datasheet HTML 7Page - Silicon Laboratories SI4X55-C Datasheet HTML 8Page - Silicon Laboratories SI4X55-C Datasheet HTML 9Page - Silicon Laboratories SI4X55-C Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Si4x55-C
6
Rev 1.0
Table 3. Receiver AC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RX Frequency
Range
FRX
284
350
MHz
350
525
MHz
850
960
MHz
RX Sensitivity 915 MHz
PRX-_2
(BER < 0.1%)
(2.4 kbps, GFSK, BT = 0.5,
F= 30 kHz, 114 kHz Rx BW)2
–115.0
dBm
PRX-_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
F= 25 kHz, 114 kHz Rx BW)2
–107.6
dBm
PRX-_128
(BER < 0.1%)
(128 kbps, GFSK, BT = 0.5,
F= 70 kHz, 305 kHz Rx BW)2
–103.2
dBm
PRX-_OOK (BER < 0.1%, 1 kbps, 185 kHz Rx BW,
OOK, PN15 data)2
–113.5
dBm
(BER < 0.1%, 40 kbps, 185 kHz Rx BW,
OOK, PN15 data)2
–102.7
dBm
RX Channel Bandwidth
BW
40
850
kHz
RSSI Resolution
RESRSSI
Valid from –110 dBm to –90 dBm
±0.5
dB
1-Ch Offset Selectivity2
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW and
desired modulated with 1.2 kbps,
F = 5.2 kHz, GFSK with BT = 0.5,
RX BW = 58 kHz
channel spacing = 100 kHz
–52
dB
2-Ch Offset Selectivity2
C/I2-CH
–56
dB
Blocking 200 kHz–1 MHz2 200KBLOCK Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW and
desired modulated with 1.2 kbps
F = 5.2 kHz GFSK with BT = 0.5,
RX BW = 58 kHz
–56
dB
Blocking 1 MHz Offset2
1MBLOCK
–71
dB
Blocking 8 MHz Offset2
8MBLOCK
–77
dB
Image Rejection2
ImREJ
Rejection at the image frequency
IF = 468 kHz
—40—
dB
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
Conducted measurements on RF evaluation board. Specifications are dependent on frequency, matching components,
and board layout.


Similar Part No. - SI4X55-C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4004DY VISHAY-SI4004DY Datasheet
275Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 31-May-10
SI4004DY-T1-GE3 VISHAY-SI4004DY-T1-GE3 Datasheet
275Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Silicon Laboratories
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
logo
List of Unclassifed Man...
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - SI4X55-C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
XFMRS Inc.
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
   Current Sense
XF0603-CS6 XFMRS-XF0603-CS6 Datasheet
55Kb / 1P
   Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com