Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4X55-C Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4X55-C
Description  Preamble sense mode
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4X55-C Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4X55-C Datasheet HTML 7Page - Silicon Laboratories SI4X55-C Datasheet HTML 8Page - Silicon Laboratories SI4X55-C Datasheet HTML 9Page - Silicon Laboratories SI4X55-C Datasheet HTML 10Page - Silicon Laboratories SI4X55-C Datasheet HTML 11Page - Silicon Laboratories SI4X55-C Datasheet HTML 12Page - Silicon Laboratories SI4X55-C Datasheet HTML 13Page - Silicon Laboratories SI4X55-C Datasheet HTML 14Page - Silicon Laboratories SI4X55-C Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Si4x55-C
Rev 1.0
11
2. Typical Applications Schematic
Figure 1. Si4455 Application Circuit
Figure 2. Si4355 Applications Circuit
30 MHz
GP1
GP2
GP3
GP4
C1
L1
L2
GND
GPIO1
1
2
3
4
15
14
13
SDI
SDO
SCLK
RXn
SDN
RXp
5
TX
11
12
GP5
L4
C2
Si4455
nIRQ
VDD
100 n
C8
100 p
C7
1u
L5
C6
C9
L3
C3
C4
C5
GP0
L6
30 MHz
GP1
GP2
GP3
GP4
L1
GND
GPIO1
1
2
3
4
15
14
13
SDI
SDO
SCLK
RXn
SDN
RXp
5
NC
11
12
GP5
C1
Si4355
nIRQ
VDD
100 n
C4
100 p
C3
1u
L2
C2
C5
SDN


Similar Part No. - SI4X55-C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4004DY VISHAY-SI4004DY Datasheet
275Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 31-May-10
SI4004DY-T1-GE3 VISHAY-SI4004DY-T1-GE3 Datasheet
275Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Silicon Laboratories
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
logo
List of Unclassifed Man...
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - SI4X55-C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
XFMRS Inc.
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
   Current Sense
XF0603-CS6 XFMRS-XF0603-CS6 Datasheet
55Kb / 1P
   Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com