Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6311QF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AD6311QF
Description  1/8- to 1/16 Duty VFD Controller/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD6311QF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AD6311QF Datasheet HTML 1Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 2Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 3Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 4Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6311QF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD6311
1/8- to 1/16 Duty VFD Controller/Driver
Anachip Corp.
www.anachip.com.tw
Rev. A5 Dec 29, 2003
4/11
Absolute Maximum Ratings (T
A=25℃,VSS=0V )
Parameter
Symbol
Rating
Unit
Logic supply voltage
VDD
-0.5 to +7.0
V
Driver supply voltage
VEE
VDD +0.5 to VDD -40
V
Logic input voltage
VI1
-0.5 to VDD +0.5
V
VFD driver output voltage
VO2
VEE-0.5 to VDD +0.5
V
LED driver output current
IO1
+15
mA
VFD driver output current
IO2
-40(grid) –15 (segment)
mA
Operating ambient temperature
TOPT
-25 to +85
Storage temperature
TSTG
-50 to +125
Operating Conditions (T
A=0 to +70℃,VSS=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Logic supply voltage
VDD
4.5
5
5.5
V
High-level input voltage
VIH
0.7·VDD
VDD
V
Low-level input voltage
VIL
0
0.3xVDD
V
Driver supply voltage
VEE
0
VDD-35
V
DC Characteristics (T
a=0 to 70℃, VDD=4.5 to 5.5V, VSS=0V, VEE=VDD-35V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
High-level output voltage
VOH1
LED1-LED5,IOH1=-1mA
0.9VDD
V
Low-level output voltage
VOL1
LED1-LED5,IOL1=12mA
1
V
Low-level output voltage
VOL2
DOUT,IOL2=2mA
0.4
V
High-level output current
IOH21
VO=VDD-2V,Seg1 to Seg12
-3
mA
High-level output current
IOH22
VO=VDD-2V,Grid 1 to Grid8,
Seg13/Grid16 to Seg20/Grid9
-15
mA
Driver leakage current
IOLEAK
VO=VDD-35V, driver off
-10
μ
A
Output pull-down resistor
RL
Driver output
50
100
150
High-level input voltage
VIH
0.7VDD
V
Low-level input voltage
VIL
0.3VDD
V
AC Characteristics (T
a=0 to +70℃,VDD=4.5 to 5.5 V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
R=51 kΩ
350
500
650
KHZ
Maximum clock frequency
fmax.
Duty=50%
1
MHZ
Clock pulse width
PWCLK
500
ns
Strobe pulse width
PWSTB
1
µs
Data setup time
tSETUP
100
ns
Data hold time
tHOLD
100
ns
Clock-strobe time
tCLK-STB
CLK↑→STB↑
1
µs
Wait time
tWAIT
CLK↑→CLk↓(Note)
1
µs
Note: Refer to page 8.


Similar Part No. - AD6311QF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
AD6312LF ETC-AD6312LF Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
AD6312QF ETC-AD6312QF Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
logo
Anachip Corp
AD6315 ANACHIP-AD6315 Datasheet
243Kb / 16P
   1/4- to 1/12 Duty VFD Controller/Driver
AD6315L ANACHIP-AD6315L Datasheet
243Kb / 16P
   1/4- to 1/12 Duty VFD Controller/Driver
More results

Similar Description - AD6311QF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AD16311 ANACHIP-AD16311 Datasheet
186Kb / 12P
   1/8 TO 1/16 DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
TP6311QG ETC1-TP6311QG Datasheet
440Kb / 23P
   1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER
logo
NEC
UPD16311 NEC-UPD16311 Datasheet
167Kb / 20P
   1/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16511 HOLTEK-HT16511_13 Datasheet
187Kb / 14P
   1/8 to 1/16 Duty VFD Controller
HT16511 HOLTEK-HT16511 Datasheet
145Kb / 12P
   1/8 to 1/16 Duty VFD Controller
logo
List of Unclassifed Man...
AD16315 ETC-AD16315 Datasheet
216Kb / 15P
   1/4-to 1/12 Duty VFD Controller/Driver
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com