Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI535X-24QSOP-EVB Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI535X-24QSOP-EVB
Description  Fully-powered from a single USB port
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI535X-24QSOP-EVB Datasheet(HTML) 4 Page - Silicon Laboratories

  SI535X-24QSOP-EVB Datasheet HTML 1Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 2Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 3Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 4Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 5Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 6Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 7Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 8Page - Silicon Laboratories SI535X-24QSOP-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Si535x-24QSOP-EVB
4
Preliminary Rev. 0.2
5. Clock Outputs
Outputs must be measured with a high-impedance scope probe. A ground test point is provided 0.3" away from
each clock output for ideal measurement. Most scope probes have a ground clip attached to the probe with 3–6"
length of cable. Use of these ground clips is not recommended since the ground reference is electrically far from
the probe tip, especially for frequencies greater than a few MHz. Figure 2 shows the ideal measurement practice.
Note that the probe ground closest to the probe tip is used as the reference.
Clock voltage levels can be 2.5 or 3.3 V depending on the VDDOx VOLT_SEL jumper selection.
Figure 2. Measuring Output


Similar Part No. - SI535X-24QSOP-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results

Similar Description - SI535X-24QSOP-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-B20QFN-EVB SILABS-SI535X-B20QFN-EVB Datasheet
1Mb / 12P
   Fully-powered from a single USB port
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com