Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4742 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si4742
Description  Thank you for purchasing the Silicon Laboratories
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4742 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si4742 Datasheet HTML 5Page - Silicon Laboratories Si4742 Datasheet HTML 6Page - Silicon Laboratories Si4742 Datasheet HTML 7Page - Silicon Laboratories Si4742 Datasheet HTML 8Page - Silicon Laboratories Si4742 Datasheet HTML 9Page - Silicon Laboratories Si4742 Datasheet HTML 10Page - Silicon Laboratories Si4742 Datasheet HTML 11Page - Silicon Laboratories Si4742 Datasheet HTML 12Page - Silicon Laboratories Si4742 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 164 page
background image
Si47xx-EVB
Rev. 0.8
9
Baseboard audio I/O connectors:
J6
RCA output
J30
Line output
Note: Line output will not be supported on new EVBs as of February 14, 2011.
Baseboard clock connectors/devices:
X1
32.768 kHz crystal oscillator
J52
Solder bump: select internal RCLK from oscillator
J54
Ext RCLK SMA connector input
J57
Jumper: Enable or Disable Int RCLK
Baseboard MCU connectors/devices:
U22
C8051F342 MCU
J79
USB connector to communicate with the MCU
J74
JTAG connector for the MCU
PB1
Push button to reset the MCU
D1
LED to confirm power supply to the MCU
Baseboard to Daughtercard connectors:
J27
Si47xx daughtercard connector
J75
Expansion card connector (reserved)
2.1.1. Power Supply Network
Figure 2. Power Supply Block Diagram
SW1
J78
EXT
LDO
1.25–3.9 V
(R73)
LDO
1.25–7 V
(R74)
Jumper
J68
Jumper
J69
Daughterboard
Si47xx
VIO
10
11 VDD
LDO
+3.3 V
(U17)
J79
USB
J76
Terminal
Block (TB)
Vmcu
Jumper
J61
VIO
VDD
J77
BATT


Similar Part No. - Si4742

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4742 SILABS-SI4742 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4742 SILABS-SI4742 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4742 SILABS-SI4742 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4742 SILABS-SI4742 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

Similar Description - Si4742

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1305201 SILABS-1305201 Datasheet
132Kb / 2P
   Silicon Laboratories is pleased to announce the release
AN236 SILABS-AN236 Datasheet
432Kb / 8P
   INTEGRATING IAR 8051 TOOLS INTO THE SILICON LABORATORIES IDE
1201241 SILABS-1201241 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1201242 SILABS-1201242 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
1201243 SILABS-1201243 Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
Rohm
SLR-56VCT32 ROHM-SLR-56VCT32 Datasheet
899Kb / 4P
   Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
logo
Silicon Laboratories
TG-PM-0518-ETRX357USB SILABS-TG-PM-0518-ETRX357USB Datasheet
995Kb / 14P
   Telegesis??is a trademark of Silicon Laboratories Inc
logo
Lumileds Lighting Compa...
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com