Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1015-A Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI1015-A
Description  External conversion start input option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1015-A Datasheet(HTML) 1 Page - Silicon Laboratories

  SI1015-A Datasheet HTML 1Page - Silicon Laboratories SI1015-A Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wireless MCU
Copyright © 2010 by Silicon Laboratories
1.15.10
CIP-51 8051
Controller Core
8k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
512 Byte XRAM
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
XTAL2
Low Power
20 MHz
Oscillator
smaRTClock
Oscillator
XTAL3
XTAL4
CRC
Engine
RXp
RXn
TX
XIN
XOUT
Analog Peripherals
Comparators
+
-
12-bit
75ksps
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
6-bit
IREF
VREF
GND
IREF0
CP0, CP0A
+
-
CP1, CP1A
RF XCVR
(240-960 MHz)
OSC
PA
LNA
AGC
Digital
Modem
Delta
Sigma
Modulator
Digital
Logic
Mixer
PGA
ADC
Port I/O
Config
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
Transceiver Control Interface
SPI 0
15
ANALOG &
DIGITAL I/O
Power Net
VDD/DC+
GND/DC-
DC/DC
Converter
VBAT
GND
VREG
Digital
Power
Analog
Power
Si1015-A
Ultra-Low Power 8 kB, 12-bit ADC
MCU with Integrated 240–960 MHz Transceiver
Supply Voltage: 0.9 to 3.6 V
- Built-in dc-dc converter with 1.8 to 3.6 v output
- Typical sleep mode current < 0.1 µA; retains state and RAM
contents over full supply range; fast wakeup of < 2 µs
- Two built-in brown-out detectors cover sleep and active modes
12-Bit Analog to Digital Converter
- Up to 75 ksps
- Up to 11 external inputs
- External pin or internal VREF (no external capacitor required)
- External conversion start input option
- External conversion start input option
- Autonomous Burst Mode with 16-bit automatic averaging 
accumulator
- Built-in temperature sensor
Dual Comparators
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
- Low current (< 0.5 µA)
Memory
- 8 kB bytes Flash; in-system programmable in 512-byte 
sectors; full read/write/erase functionality over the entire
supply range
- 768 bytes internal data RAM
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug (no emulator required)
High-Speed 8051 µC Core
- Pipe-lined instruction architecture; executes 70% of instructions
in 1 or 2 system clocks
- 25 MIPS peak throughput with 25 MHz clock
Development Kit: Si1010DK
Transceiver Features
- Frequency range = 240–960 MHz
- Sensitivity = –121 dBm
- FSK, GFSK, and OOK modulation
- Max output power = +13 dBm
- RF power consumption
- 18.5 mA receive
- 30 mA @ +13 dBm transmit
- 18 mA @ +1 dBm transmit
- Data rate = 0.123 to 256 kbps
- Auto-frequency calibration (AFC)
- Antenna diversity and transmit/receive switch control
- Programmable packet handler
- TX and RX 64 byte FIFOs
- Frequency hopping capability
- On-chip crystal tuning
Digital Peripherals
- 15 port I/O
- Hardware enhanced UART, SPI and I2C serial ports available
concurrently
- Low power 32-bit smaRTClock
- Four general purpose 16-bit counter/timers; six channel 
programmable counter array (PCA)
Clock Sources
- Precision internal oscillators: 24.5 MHz with ±2% accuracy sup-
ports UART operation; spread-spectrum mode for reduced EMI
- Low power 20 MHz internal oscillator
- External oscillator: crystal, RC, C, CMOS clock
- smaRTClock oscillator: 32.768 kHz crystal or self-oscillate
Ordering Part Number
- Si1015-A-GM, 42-pin QFN, 5 x 7 mm2


Similar Part No. - SI1015-A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1015-A-GM SILABS-SI1015-A-GM Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Similar Description - SI1015-A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
   1.3V Start-up Input Voltage
logo
Microchip Technology
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
logo
Microchip Technology
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
logo
Silicon Laboratories
SI8751 SILABS-SI8751 Datasheet
577Kb / 27P
   Digital CMOS input option
logo
Freescale Semiconductor...
MC9S12G FREESCALE-MC9S12G Datasheet
7Mb / 1160P
   Ignores external trigger. Performs one conversion sequence and stops.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com