Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10678BWS Datasheet(PDF) 6 Page - Analog Devices

Part # AD10678BWS
Description  16-Bit, 80 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10678BWS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD10678BWS Datasheet HTML 2Page - Analog Devices AD10678BWS Datasheet HTML 3Page - Analog Devices AD10678BWS Datasheet HTML 4Page - Analog Devices AD10678BWS Datasheet HTML 5Page - Analog Devices AD10678BWS Datasheet HTML 6Page - Analog Devices AD10678BWS Datasheet HTML 7Page - Analog Devices AD10678BWS Datasheet HTML 8Page - Analog Devices AD10678BWS Datasheet HTML 9Page - Analog Devices AD10678BWS Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AD10678
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
Table 5. AD10678 Stress Ratings
Parameter
Rating
AVCC to AGND
0 V to 7 V
EVCC to AGND
0 V to 6 V
VDD to DGND
–0.5 V to +3.8 V
Analog Input Voltage
0 V to AVCC
Analog Input Current
25 mA
Encode Input Voltage
0 V to 5 V
Digital Output Voltage
–0.5 V to VDD
Maximum Junction Temperature
150°C
Storage Temperature Range Ambient
–65°C to +150°C
Maximum Operating Temperature
Ambient
92°C
OPERATING RANGE
Operating Ambient Temperature Range: 0°C to 70°C. See
Thermal Considerations section.
Table 6. Output Coding (True Binary)
Code
AIN (V)
Digital Output
65535
+1.1
1111 1111 1111 1111
.
.
.
.
.
.
.
.
.
32768
0
1000 0000 0000 0000
32767
–0.000034
0111 1111 1111 1111
.
.
.
.
.
.
.
.
.
0
–1.1
0000 0000 0000 0000
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD10678BWS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10678PCB AD-AD10678PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
   16-Bit, 80 MSPS A/D Converter
REV. C
More results

Similar Description - AD10678BWS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
   16-Bit, 80 MSPS A/D Converter
REV. C
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com