Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4022 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI4022
Description  Programmable output power level
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4022 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4022 Datasheet HTML 4Page - Silicon Laboratories SI4022 Datasheet HTML 5Page - Silicon Laboratories SI4022 Datasheet HTML 6Page - Silicon Laboratories SI4022 Datasheet HTML 7Page - Silicon Laboratories SI4022 Datasheet HTML 8Page - Silicon Laboratories SI4022 Datasheet HTML 9Page - Silicon Laboratories SI4022 Datasheet HTML 10Page - Silicon Laboratories SI4022 Datasheet HTML 11Page - Silicon Laboratories SI4022 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Si4022
 
 
 
vg
S2
FC
AA
At 868 MHz with
180 kHz Deviation at 9.6 kbps
11:14:40 May 5, 2005
L
Ref 0 dBm
Atten 10 dB
Samp
Log
10
dB/
VA
100
W1
S3
Center 868 MHz
Res BW 10 kHz
VBW 10 kHz
Span 2 MHz
Sweep 40.74 ms (2001 pts)
Antenna Tuning Characteristics
750–970 MHz
The antenna tuning characteristics was recorded in “max-hold” state of the spectrum analyzer. During the measurement, the
transmitters were forced to change frequencies by forcing an external reference signal to the XTL pin. While the carrier was changing
the antenna tuning circuit switched trough all the available states of the tuning circuit. The graph clearly demonstrates that while the
complete output circuit had about a 40 MHz bandwidth, the tuning allows operating in a 220 MHz band. In other words the tuning
circuit can compensate for 25% variation in the resonant frequency due to any process or manufacturing spread.
  
 
  
 
  
 
  
 
  
 
  
 
  
 
  
 
  
 
  
 


Similar Part No. - SI4022

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
More results

Similar Description - SI4022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355-3 AD-ADF4355-3 Datasheet
1Mb / 35P
   Programmable output power level
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
   Programmable output power level
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
   Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
   3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
   Single Output, Low Power Programmable
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com