Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4356-DK Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI4356-DK
Description  Receiver node is a switch configurable Si4356 demo board
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4356-DK Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI4356-DK Datasheet HTML 3Page - Silicon Laboratories SI4356-DK Datasheet HTML 4Page - Silicon Laboratories SI4356-DK Datasheet HTML 5Page - Silicon Laboratories SI4356-DK Datasheet HTML 6Page - Silicon Laboratories SI4356-DK Datasheet HTML 7Page - Silicon Laboratories SI4356-DK Datasheet HTML 8Page - Silicon Laboratories SI4356-DK Datasheet HTML 9Page - Silicon Laboratories SI4356-DK Datasheet HTML 10Page - Silicon Laboratories SI4356-DK Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Si4356-DK
Rev. 1.2
7
5.3. Legacy Encoder Packet
This packet is for demonstrating on the receiver side the reception of legacy packets that were not optimized for RF
communication. The packet structure follows the structure of the bit stream generated by a Holtek HT6P20
encoder chip. The figure below describes the packet structure. The only difference is that this demo
implementation uses 22 address bits and 2 data bits. The address bits are the 22 LSb bits of the four byte factory
programmed unique ID of the Si4010. The data bits reflect which button was pressed. The bit structure can be
observed in the fixed anti-code pattern. One bit takes three clock cycles. The nominal value of fosc is 3 kHz.
Figure 4. A Complete Code word of the HT6P20D
6. Receiver Node
The receiver node is based on the EZRadio Si4356 standalone sub-GHz receiver IC. Standalone means that the
Si4356 is pin-strap configurable; there is no need for an external MCU to configure and control the receiver.
Integrated configuration tables allow the Si4356 to be completely configured using the four selector pins. The state
of each of these pins is read internally at startup and used to determine which pre-loaded configuration should be
used. After loading the configuration, the receiver automatically starts reception. The receiver demodulates the
incoming data asynchronously by oversampling the incoming transmission. The resulting demodulated signal is
output to the system MCU through a data output pin.
6.1. The RFStick platform
Figure 5. EZRadio RFStick Receiver Board (P/N 4356-LED-434-DIR)
The RFStick is a basic demo system for the evaluation of the EZradio chips. The board has two main parts, the
MCU part and the radio part. The MCU part of the board contains a Silabs C8051F930 MCU and basic human
interface devices (four push-buttons, four LEDs, four switches and a buzzer). Additionally the MCU part of the
Si4356 RFStick has four four-position switches (SEL0-SEL3) to configure the radio. The radio part contains the
EZRadio chip, the matching circuit and the antenna. The RF input is selectable via a 0
resistor between a PCB
antenna and a 50
SMA input connector. The PCB antenna is connected by default. The MCU is connected to
the Si4356 EZRadio chip via four GPIOs according to the Table 8. The RF section of the board can be broken off
along a perforation and installed in the user's own hardware as a radio module. In this case the radio can be
configured via solderable jumpers on the RF section. These solderable jumpers have to be left open when the RF


Similar Part No. - SI4356-DK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4356-B1A-FM SILABS-Si4356-B1A-FM Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si4356-B1A-FMR SILABS-Si4356-B1A-FMR Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI4356-DK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4356-RX-434 SILABS-4356-RX-434 Datasheet
468Kb / 26P
   Si4356 STANDALONE SUB-GHZ RECEIVER
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
   Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
   MLX90401 Demo Board
logo
International Rectifier
IRCS2277S IRF-IRCS2277S Datasheet
772Kb / 20P
   IRCS2277S Demo Board
logo
Sipex Corporation
SP6121EB SIPEX-SP6121EB Datasheet
419Kb / 6P
   Demo Board Manual
logo
Emcore Corporation
2807 EMCORE-2807 Datasheet
378Kb / 2P
   Mini-Node CATV Optical Receiver
2807 EMCORE-2807_16 Datasheet
588Kb / 3P
   Mini-Node CATV Optical Receiver
logo
List of Unclassifed Man...
FB80XED-LCD ETC-FB80XED-LCD Datasheet
24Kb / 1P
   7-Segment Demo board
FB80XED-RELAY ETC-FB80XED-RELAY Datasheet
26Kb / 1P
   7-Segment Demo board
logo
Teridian Semiconductor ...
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com