Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7010BRU Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7010BRU
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010BRU Datasheet(HTML) 4 Page - Analog Devices

  ADF7010BRU Datasheet HTML 1Page - Analog Devices ADF7010BRU Datasheet HTML 2Page - Analog Devices ADF7010BRU Datasheet HTML 3Page - Analog Devices ADF7010BRU Datasheet HTML 4Page - Analog Devices ADF7010BRU Datasheet HTML 5Page - Analog Devices ADF7010BRU Datasheet HTML 6Page - Analog Devices ADF7010BRU Datasheet HTML 7Page - Analog Devices ADF7010BRU Datasheet HTML 8Page - Analog Devices ADF7010BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
ADF7010
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
Guaranteed by design but not production tested.
CLOCK
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DATA
LE
DB0 (LSB)
(CONTROL BIT C1)
t
6
t
1
t
2
t
3
t
4
t
5
Figure 1. Timing Diagram
(VDD = 3 V
10%, VGND = 0 V, TA = 25 C, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
∞C, unless otherwise noted.)
VDD to GND
3
. . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.0 V
VCOVDD, RFVDD, CPVDD to GND . . . . . –0.3 V to +7 V
Digital I/O Voltage to GND . . . . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +125∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
∞C
TSSOP JA Thermal Impedance . . . . . . . . . . . . . . 150.4
∞C/W
CSP JA (Paddle Soldered) . . . . . . . . . . . . . . . . . . . . 122
∞C/W
CSP JA (Paddle Not Soldered) . . . . . . . . . . . . . . . . . 216
∞C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 235
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2This device is a high performance RF integrated circuit with an ESD rating of
<1 kV and it is ESD sensitive. Proper precautions should be taken for handling and
assembly.
3GND = CPGND = RFGND = DGND = AGND = 0 V.
ORDERING GUIDE
Model
Temperature Range
Package Option
ADF7010BRU
–40ºC to +85ºC
RU-24 (TSSOP)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADF7010 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Similar Part No. - ADF7010BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010BRU AD-ADF7010BRU Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results

Similar Description - ADF7010BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com