Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9248-20PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9248-20PCB
Description  14-Bit, 20/40/65 MSPS Dual A/ D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248-20PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9248-20PCB Datasheet HTML 7Page - Analog Devices AD9248-20PCB Datasheet HTML 8Page - Analog Devices AD9248-20PCB Datasheet HTML 9Page - Analog Devices AD9248-20PCB Datasheet HTML 10Page - Analog Devices AD9248-20PCB Datasheet HTML 11Page - Analog Devices AD9248-20PCB Datasheet HTML 12Page - Analog Devices AD9248-20PCB Datasheet HTML 13Page - Analog Devices AD9248-20PCB Datasheet HTML 14Page - Analog Devices AD9248-20PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Preliminary Technical Data
AD9248
Rev. PrE | Page 11 of 23
61
MUX_SELECT
Data Multiplexed Mode. (See description for how to enable; high setting disables output data
Multiplexed mode)
5, 12, 17,
64
AVDD
Analog Power Supply
1, 4, 13, 16
AGND
Analog Ground
28, 40, 53
DRGND
Digital Output Ground
29, 41, 52
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a minimum 0.1 µF
capacitor. Recommended decoupling is 0.1 µF capacitor in parallel with 10 µF
Table 7. ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9248BCPZ-20
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
CP-64-1
AD9248BCPZ-40
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
CP-64-1
AD9248BCPZ-65
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
CP-64-1
AD9248BCPZRL7-20
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
CP-64-1
AD9248BCPZRL7-40
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
CP-64-1
AD9248BCPZRL7-65
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
CP-64-1
AD9248BST-20
–40°C to +85°C
64-Lead LOW PROFILE QUAD FLAT PACK (TQFP)
ST-64
AD9248BST-40
–40°C to +85°C
64-Lead LOW PROFILE QUAD FLAT PACK (TQFP)
ST-64
AD9248BST-65
–40°C to +85°C
64-Lead LOW PROFILE QUAD FLAT PACK (TQFP)
ST-64
AD9248-20PCB
+25°C
Evaluation Board with AD9248BST-20
AD9248-40PCB
+25°C
Evaluation Board with AD9248BST-40
AD9248-65PCB
+25°C
Evaluation Board with AD9248BST-65


Similar Part No. - AD9248-20PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248 AD-AD9248 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9248BCP-20EB AD-AD9248BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-40EB AD-AD9248BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EB AD-AD9248BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EBZ AD-AD9248BCP-65EBZ Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Similar Description - AD9248-20PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com