Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1222 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1222
Description  24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1222 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS1222 Datasheet HTML 6Page - Burr-Brown (TI) ADS1222 Datasheet HTML 7Page - Burr-Brown (TI) ADS1222 Datasheet HTML 8Page - Burr-Brown (TI) ADS1222 Datasheet HTML 9Page - Burr-Brown (TI) ADS1222 Datasheet HTML 10Page - Burr-Brown (TI) ADS1222 Datasheet HTML 11Page - Burr-Brown (TI) ADS1222 Datasheet HTML 12Page - Burr-Brown (TI) ADS1222 Datasheet HTML 13Page - Burr-Brown (TI) ADS1222 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADS1222
SBAS314A − APRIL 2004 − REVISED SEPTEMBER 2004
www.ti.com
10
TEMPERATURE SENSOR
On-chip diodes provide temperature-sensing capabili-
ty. By setting the TEMPEN pin high, the selected analog
inputs are disconnected and the inputs to the A/D
converter are connected to the anodes of two diodes
scaled to 1x and 64x in current and size inside the mux,
as shown in Figure 18. By measuring the difference in
voltage of these diodes, temperature changes can be
inferred from a baseline temperature. Typically, the
difference in diode voltages is 106mV at 25
°C, with a
temperature coefficient of 360
µV/°C. A similar structure
is used in the MSC1210 for temperature measurement.
For more information, see TI application report
SBAA100, Using the MSC121x as a High-Precision
Intelligent Temperature Sensor, available for download
at www.ti.com.
AINP
AINP1
AINN1
AINP2
AINN2
8I
1I
1X
8X
AINN
TEMPEN
VDD
MUX
Figure 18. Measurement of the Temperature
Sensor in the Input Multiplexer
VOLTAGE REFERENCE INPUTS
(VREFP, VREFN)
The voltage reference used by the modulator is
generated from the voltage difference between VREFP
and VREFN: VREF = VREFP – VREFN. The reference
inputs use a structure similar to that of the analog
inputs. A simplified diagram of the circuitry on the
reference inputs is shown in Figure 19. The switches
and capacitors can be modeled with an effective
impedance of:
t
sample
2
16pF
+ 500kW
where fCLK = 2MHz.
VDD
Self Gain Cal
AINP
(1) f
CLK =2MHz
AINN
VREFP
VREFN
VDD
ESD
Protection
16pF
Zeff = 500k
Ω (1)
Figure 19. Simplified Reference input Circuitry
ESD diodes protect the reference inputs. To prevent
these diodes from turning on, make sure the voltages
on the reference pins do not go below GND by more
than 100mV, and likewise, do not exceed VDD by
100mV:
GND – 100mV < (VREFP, VREFN) < VDD + 100mV
During self gain calibration, all the switches in the input
multiplexer are opened, VREFN is internally connected
to AINN, and VREFP is connected to AINP. The input
buffer may be disabled or enabled during calibration.
When the buffer is disabled, the reference pins will be
driving the circuitry shown in Figure 9 during self gain
calibration, resulting in increased loading. To prevent
this additional loading from introducing gain errors,
make sure the circuitry driving the reference pins has
adequate drive capability. When the buffer is enabled,
the loading on the reference pins will be much less, but


Similar Part No. - ADS1222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1222 TI1-ADS1222 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWRG4 TI1-ADS1222IPWRG4 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
logo
Burr-Brown (TI)
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com