Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5347-EVB Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5347-EVB
Description  Powered from USB port or external
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347-EVB Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5347-EVB Datasheet HTML 1Page - Silicon Laboratories SI5347-EVB Datasheet HTML 2Page - Silicon Laboratories SI5347-EVB Datasheet HTML 3Page - Silicon Laboratories SI5347-EVB Datasheet HTML 4Page - Silicon Laboratories SI5347-EVB Datasheet HTML 5Page - Silicon Laboratories SI5347-EVB Datasheet HTML 6Page - Silicon Laboratories SI5347-EVB Datasheet HTML 7Page - Silicon Laboratories SI5347-EVB Datasheet HTML 8Page - Silicon Laboratories SI5347-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev. 1.1 5/15
Copyright © 2015 by Silicon Labs
Si5347-EVB
Si5347-EVB
Si5347 E VALUATION B OARD U SER S G UIDE
Description
The Si5347-EVB is used for evaluating the Si5347
Quad Any-Frequency Jitter Attenuating Clock Multiplier.
The Si5347 contains 4 independent DSPLLs in a single
IC with programmable jitter attenuation bandwidth on a
per DSPLL basis. The Si5347-EVB supports 4
independent input clocks and 8 independent output
clocks via on-board SMA connectors. The Si5347-EVB
can be controlled and configured via a USB connection
to a host PC running Silicon Labs’ next generation
Clock Builder Pro
(CBPro) software tool. Test points
are provided on-board for external monitoring of supply
voltages.
EVB Features
Powered from USB port or external +5 V power
supply via screw terminals.
Onboard 48 MHz XTAL allows standalone or
holdover mode of operation on the Si5347.
CBPro
GUI programmable VDD supply allows
device supply voltages of 3.3, 2.5, or 1.8 V.
CBPro GUI programmable VDDO supplies allow each
of the 8 outputs to have its own supply voltage
selectable from 3.3, 2.5, or 1.8 V.
CBPro GUI allows control and measurement of
voltage, current, and power of VDD and all 8 VDDO
supplies.
Status LEDs for power supplies and control/status
signals of Si5347.
SMA connectors for input clocks, output clocks and
optional external timing reference clock.
Figure 1. Si5347 Evaluation Board


Similar Part No. - SI5347-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
   Data Sheet Errata for Product Revision B
Si5347-D-EVB SILABS-Si5347-D-EVB Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347-D-EVB SKYWORKS-SI5347-D-EVB Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Similar Description - SI5347-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
SI535X-B20QFN-EVB SILABS-SI535X-B20QFN-EVB Datasheet
1Mb / 12P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com