Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU700 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLU700
Description  CARMEN series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLU700 Datasheet(HTML) 2 Page - Cree, Inc

  CLU700 Datasheet HTML 1Page - Cree, Inc CLU700 Datasheet HTML 2Page - Cree, Inc CLU700 Datasheet HTML 3Page - Cree, Inc CLU700 Datasheet HTML 4Page - Cree, Inc CLU700 Datasheet HTML 5Page - Cree, Inc CLU700 Datasheet HTML 6Page - Cree, Inc CLU700 Datasheet HTML 7Page - Cree, Inc CLU700 Datasheet HTML 8Page - Cree, Inc CLU700 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
2
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
CARMEN-B
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX
PART NO
MATERIAL COLOUR
1
CARMEN-LENS
PMMA
2
F15211_CARMEN-HLD-B
PC
BLACK
Bottom view
Scale:
1:1
69.5
35.04
23.36
Side view A
Scale:
1:1
3rd party socket
LES size up to ~14mm
Example assembly:


Similar Part No. - CLU700

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLU700 CREE-CLU700 Datasheet
3Mb / 72P
   Winnie series
CLU700 CREE-CLU700 Datasheet
4Mb / 62P
   Winnie series
CLU700 CREE-CLU700 Datasheet
1Mb / 15P
   CARMEN series
CLU700 CREE-CLU700 Datasheet
1Mb / 9P
   Ronda series
CLU700 CREE-CLU700 Datasheet
1Mb / 9P
   Ronda series
More results

Similar Description - CLU700

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP15775 CREE-CP15775 Datasheet
655Kb / 9P
   CARMEN series
CP15774 CREE-CP15774 Datasheet
649Kb / 9P
   CARMEN series
CP15212 CREE-CP15212 Datasheet
1Mb / 19P
   CARMEN series
CP15776 CREE-CP15776 Datasheet
659Kb / 9P
   CARMEN series
CP15313 CREE-CP15313 Datasheet
1Mb / 15P
   CARMEN series
logo
Ledil, Inc.
C16058 LEDIL-C16058 Datasheet
1Mb / 3P
   횠50 mm basepart for Xicato XTM and XIM modules compatible with RONDA and CARMEN
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com