Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si50122-A4-GM Datasheet(PDF) 3 Page - Silicon Laboratories

Part # Si50122-A4-GM
Description  ?쟑ower consumption test
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si50122-A4-GM Datasheet(HTML) 3 Page - Silicon Laboratories

  Si50122-A4-GM Datasheet HTML 1Page - Silicon Laboratories Si50122-A4-GM Datasheet HTML 2Page - Silicon Laboratories Si50122-A4-GM Datasheet HTML 3Page - Silicon Laboratories Si50122-A4-GM Datasheet HTML 4Page - Silicon Laboratories Si50122-A4-GM Datasheet HTML 5Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si50122-Ax-EVB
Rev. 0.1
3
2. Schematics
Figure 2. Si50122 Device Connection
VCC
U1
Si50122
VSS
REFOUT
NC
DIFF1
DIFF1#
VSS
DIFF2
DIFF2#
VDD
VDD
C1
0.1uF
C3
2.2pF
J2
SMA
C7
1.0uF
J1
SMA
JP1
J3
SMA
J4
SMA
FB1
1000 Ohm
J5
SMA
C6
2.2pF
R1
33
C5
2.2pF
C4
2.2pF
C2
2.2pF


Similar Part No. - Si50122-A4-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si50122-A4-GM SILABS-Si50122-A4-GM Datasheet
1Mb / 14P
   Network Attached Storage
Si50122-A4-GMR SILABS-Si50122-A4-GMR Datasheet
1Mb / 14P
   Network Attached Storage
More results

Similar Description - Si50122-A4-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52144-EVB SILABS-SI52144-EVB Datasheet
1Mb / 6P
   Power consumption test
SI53154-EVB SILABS-SI53154-EVB Datasheet
1Mb / 6P
   Power consumption test
SI52147-EVB SILABS-SI52147-EVB Datasheet
1Mb / 8P
   Power consumption test
SI53159-EVB SILABS-SI53159-EVB Datasheet
1Mb / 6P
   Power consumption test
logo
Schurter Inc.
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
logo
Murata Manufacturing Co...
ZPA2326-0311A-R MURATA-ZPA2326-0311A-R Datasheet
168Kb / 2P
   current consumption
logo
Schurter Inc.
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com