Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F080T030 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V048F080T030
Description  PRM짰 Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 Datasheet(HTML) 5 Page - Vicor Corporation

  V048F080T030 Datasheet HTML 1Page - Vicor Corporation V048F080T030 Datasheet HTML 2Page - Vicor Corporation V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 5 of 14
09/2015
800 927.9474
P036F048T12AL
Efficiency vs. Output Current
65
70
75
80
85
90
95
100
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Output Current (A)
18 V
36 V
60 V
Vin
Figure 8 — Efficiency vs. output current at 26 Vf
Electrical Specifications (continued)
VI Chip Regulator
Efficiency vs. Output Current
75.
80
85
90
95
100
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Output Current (A)
18 V
36 V
60 V
Vin
Figure 6 — Efficiency vs. output current at 48 Vf
Efficiency vs. Output Current
65
70
75
80
85
90
95
100
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Output Current (A)
18 V
36 V
60 V
Vin
Figure 7 — Efficiency vs. output current at 36 Vf
Efficiency Graphs
End of Life


Similar Part No. - V048F080T030

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F080T030 POWERBOX-V048F080T030 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
2Mb / 14P
   Non-isolated Regulator
V048F080T030 VICOR-V048F080T030 Datasheet
1Mb / 14P
   Non-isolated Regulator
More results

Similar Description - V048F080T030

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com