Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F240T012 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V048F240T012
Description  PRM짰 Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F240T012 Datasheet(HTML) 4 Page - Vicor Corporation

  V048F240T012 Datasheet HTML 1Page - Vicor Corporation V048F240T012 Datasheet HTML 2Page - Vicor Corporation V048F240T012 Datasheet HTML 3Page - Vicor Corporation V048F240T012 Datasheet HTML 4Page - Vicor Corporation V048F240T012 Datasheet HTML 5Page - Vicor Corporation V048F240T012 Datasheet HTML 6Page - Vicor Corporation V048F240T012 Datasheet HTML 7Page - Vicor Corporation V048F240T012 Datasheet HTML 8Page - Vicor Corporation V048F240T012 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 4 of 14
09/2015
800 927.9474
P036F048T12AL
Parameter
Min
Typ
Max
Unit
Note
Output voltage range
26
48
55
Vdc
Factorized Bus voltage (Vf) set by ROS
Output power
0
120
W
Output current
0
2.5
Adc
DC current limit
2.6
2.96
3.3
Adc
IL pin floating
Average short circuit current
1.25
A
Auto recovery
Set point accuracy
1.5
%
Line regulation
0.1
0.2
%
Low line to high line
Load regulation
0.1
0.2
%
No CD resistor
Load regulation (at VTM output)
1.0
2.0
%
Adaptive Loop
Current share accuracy
5
10
%
See description page 8
Efficiency
Full load
95
%
See Figure 6,7 & 8
Output overvoltage set point
56
59.4
Vdc
Output ripple voltage
No external bypass
1.51
3.5
%
Factorized Bus, see Figure 13
With 10 µF capacitor
0.42
1.0
%
Factorized Bus, see Figure 14
Switching frequency
1.26
1.35
1.46
MHz
Fixed frequency
Output turn-on delay
From application of power
74
250
ms
See Figure 2
From PC pin high
100
µs
See Figure 3
Internal output capacitance
5
µF
Ceramic
Factorized Bus capacitance
47
µF
Output Specs (Conditions are at 36 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Electrical Specifications (continued)
VI Chip Regulator
End of Life


Similar Part No. - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
979Kb / 11P
   VTM Current Multiplier
V048F240T012 VICOR-V048F240T012 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F240T012 POWERBOX-V048F240T012 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com