Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V41235 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 5V41235
Description  2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41235 Datasheet(HTML) 2 Page - Integrated Device Technology

  5V41235 Datasheet HTML 1Page - Integrated Device Technology 5V41235 Datasheet HTML 2Page - Integrated Device Technology 5V41235 Datasheet HTML 3Page - Integrated Device Technology 5V41235 Datasheet HTML 4Page - Integrated Device Technology 5V41235 Datasheet HTML 5Page - Integrated Device Technology 5V41235 Datasheet HTML 6Page - Integrated Device Technology 5V41235 Datasheet HTML 7Page - Integrated Device Technology 5V41235 Datasheet HTML 8Page - Integrated Device Technology 5V41235 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
5V41235
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
2
5V41235
MAY 5, 2017
Pin Assignments
Output Select Table 1 (MHz) - TSSOP Only
Spread Selection Table 2 - TSSOP Only
Output/Spread Select Table 3 - QFN Only
1
2
3
X2
4
S1
5
6
CLK0
7
8
CLK0
GNDODA
VDDXD
OE
SS0
16
X1/ICLK
SS1
CLK1
VDDODA
15
14
13
12
11
10
9
16-pin (173 mil) TSSOP
GNDXD
S0
IREF
CLK1
16 15 14 13
S1 1
12 GNDODA
SS0 2
11 VDDODA
X1/CLK 3
10 CLK1
X2 4
9 CLK1#
56
78
16-pin QFN
5V41235
S1
S0
CLK(1:0), CLK(1:0)
00
25M
0
1
100M
1
0
125M
1
1
200M
SS1
SS0
Spread%
00
No Spread
0
1
Down -0.5
1
0
Down -0.75
11
No Spread
S1
S0
SS1
SS0
Output
Spread%
00
00
100MHz
-0.5
00
01
200MHz
-0.5
0
0
1
0
100MHz
No spread
00
11
Reserved
01
00
100MHz
-1
01
01
200MHz
-1
01
10
Reserved
01
11
Reserved
10
00
100MHz
-1.5
10
01
200MHz
-1.5
10
10
Reserved
10
11
Reserved
11
00
Reserved
1
1
0
1
200MHz
No spread
11
10
Reserved
11
11
Reserved


Similar Part No. - 5V41235

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLG RENESAS-5V41235NLG Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLG18 RENESAS-5V41235NLG18 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLG8 RENESAS-5V41235NLG8 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235NLGI RENESAS-5V41235NLGI Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41235

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com