Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V41235PGGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5V41235PGGI8
Description  2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41235PGGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  5V41235PGGI8 Datasheet HTML 1Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 2Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 3Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41235PGGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
5V41235
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
3
5V41235
MAY 5, 2017
Pin Descriptions
QFN Pin
Number
TSSOP
Pin
Number
Pin
Name
Pin
Type
Pin Description
16
1
S0
Input
Select pin 0. See Table1. Internal pull-up resistor.
1
2
S1
Input
Select pin 1. See Table 1. Internal pull-up resistor.
2
3
SS0
Input
Spread Select pin 0. See Table 2. Internal pull-up resistor.
3
4
X1/ICLK
Input
Crystal or clock input. Connect to a 25 MHz crystal or single ended clock.
4
5
X2
Output
Crystal connection. Leave unconnected for clock input.
5
6
OE
Input
Output enable. Tri-states outputs and device is not shut down. Internal
pull-up resistor.
6
7
GNDXD
Power
Connect to ground.
7
8
SS1
Input
Spread Select pin 1. See Table 2. Internal pull-up resistor.
8
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current
reference.
9
10
CLK1
Output
HCSL complementary clock output 1.
10
11
CLK1
Output
HCSL true clock output 1.
11
12
VDDODA
Power
Connect to voltage supply +3.3 V for output driver and analog circuits
12
13
GNDODA
Power
Connect to ground.
13
14
CLK0
Output
HCSL complementary clock output 0.
14
15
CLK0
Output
HCSL true clock output 0.
15
16
VDDXD
Power
Connect to voltage supply +3.3 V for crystal oscillator and digital circuit.


Similar Part No. - 5V41235PGGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41235PGGI8 RENESAS-5V41235PGGI8 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41235PGGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com